Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGP Datasheet(PDF) 56 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 52Page - Texas Instruments CC115LRGP Datasheet HTML 53Page - Texas Instruments CC115LRGP Datasheet HTML 54Page - Texas Instruments CC115LRGP Datasheet HTML 55Page - Texas Instruments CC115LRGP Datasheet HTML 56Page - Texas Instruments CC115LRGP Datasheet HTML 57Page - Texas Instruments CC115LRGP Datasheet HTML 58Page - Texas Instruments CC115LRGP Datasheet HTML 59Page - Texas Instruments CC115LRGP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-52. 0x35 (0xF5): MARCSTATE - Main Radio Control State Machine State
Bit
Field Name
Reset
R/W
Description
7:5
R0
Not used
Main Radio Control FSM State
Value
State name
State (see Figure 5-9)
0 (0x00)
SLEEP
SLEEP
1 (0x01)
IDLE
IDLE
2 (0x02)
XOFF
XOFF
3 (0x03)
VCOON_MC
MANCAL
4 (0x04)
REGON_MC
MANCAL
5 (0x05)
MANCAL
MANCAL
6 (0x06)
VCOON
FS_WAKEUP
7 (0x07)
REGON
FS_WAKEUP
8 (0x08)
STARTCAL
CALIBRATE
9 (0x09)
BWBOOST
SETTLING
4:0
MARC_STATE[4:0]
R
10 (0x0A)
FS_LOCK
SETTLING
11 (0x0B)
Reserved
12 (0x0C)
ENDCAL
CALIBRATE
13 (0x0D) – 17
Reserved
(0x11)
18 (0x12)
FSTXON
FSTXON
19 (0x13)
TX
TX
20 (0x14)
TX_END
TX
21 (0x15)
Reserved
TXFIFO_UNDERF
22 (0x16)
TXFIFO_UNDERFLOW
LOW
Note: it is not possible to read back the SLEEP or XOFF state
numbers because setting CSn low will make the chip enter the IDLE
mode from the SLEEP or XOFF states.
Table 5-53. 0x38 (0xF8): PKTSTATUS - Current GDOx Status and Packet Status
Bit
Field Name
Reset
R/W
Description
7:3
R
Reserved
Current GDO2 value. Note: the reading gives the non-inverted value
irrespective of what IOCFG2.GDO2_INV is programmed to.
2
GDO2
R
It is not recommended to check for PLL lock by reading
PKTSTATUS[2] with GDO2_CFG=0x0A.
1
R0
Not used
Current GDO0 value. Note: the reading gives the non-inverted value
irrespective of what IOCFG0.GDO0_INV is programmed to.
0
GDO0
R
It is not recommended to check for PLL lock by reading
PKTSTATUS[0] with GDO0_CFG=0x0A.
Table 5-54. 0x3A (0xFA): TXBYTES - Underflow and Number of Bytes
Bit
Field Name
Reset
R/W
Description
7
TXFIFO_UNDERFLOW
R
6:0
NUM_TXBYTES
R
Number of bytes in TX FIFO
56
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com