Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGP Datasheet(PDF) 49 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 45Page - Texas Instruments CC115LRGP Datasheet HTML 46Page - Texas Instruments CC115LRGP Datasheet HTML 47Page - Texas Instruments CC115LRGP Datasheet HTML 48Page - Texas Instruments CC115LRGP Datasheet HTML 49Page - Texas Instruments CC115LRGP Datasheet HTML 50Page - Texas Instruments CC115LRGP Datasheet HTML 51Page - Texas Instruments CC115LRGP Datasheet HTML 52Page - Texas Instruments CC115LRGP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
XOSC
carrier
16
ƒ
ƒ
FREQ[23 : 0]
2
=
×
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
Table 5-24. 0x08: PKTCTRL0 - Packet Automation Control (continued)
Bit
Field Name
Reset
R/W
Description
Format of TX data
Setting
Packet format
0 (00)
Normal mode, use TX FIFO
Synchronous serial mode, Data in on
1 (01)
5:4
PKT_FORMAT[1:0]
0 (00)
R/W
GDO0
Random TX mode; sends random data
2 (10)
using PN9 generator. Used for test.
Asynchronous serial mode, Data in on
3 (11)
GDO0
3
0
R0
Not used
1: CRC calculation enabled
2
CRC_EN
1
R/W
0: CRC calculation disabled
1:0
LENGTH_CONFIG[1:0]
1 (01)
R/W
Configure the packet length
Setting
Packet length configuration
0 (00)
Fixed packet length mode. Length
configured in PKTLEN register
1 (01)
Variable packet length mode. Packet
length configured by the first byte written
to the TX FIFO
2 (10)
Infinite packet length mode
3 (11)
Reserved
Table 5-25. 0x0A: CHANNR - Channel Number
Bit
Field Name
Reset
R/W
Description
The 8-bit unsigned channel number, which is multiplied by
7:0
CHAN[7:0]
0 (0x00)
R/W
the channel spacing setting and added to the base
frequency.
Table 5-26. 0x0C: FSCTRL0 - Frequency Synthesizer Control
Bit
Field Name
Reset
R/W
Description
Frequency offset added to the base frequency before being
used by the frequency synthesizer. (2s-complement).
7:0
FREQOFF[7:0]
0 (0x00)
R/W
Resolution is FXTAL/214 (1.59kHz-1.65kHz); range is ±202
kHz to ±210 kHz, dependent of XTAL frequency.
Table 5-27. 0x0D: FREQ2 - Frequency Control Word, High Byte
Bit
Field Name
Reset
R/W
Description
FREQ[23:22] is always 0 (the FREQ2 register is less than
7:6
FREQ[23:22]
0 (00)
R
36 with 26 - 27 MHz crystal)
FREQ[23:0] is the base frequency for the frequency
synthesizer in increments of fXOSC/216.
5:0
FREQ[21:16]
30 (011110)
R/W
Table 5-28. 0x0E: FREQ1 - Frequency Control Word, Middle Byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[15:8]
196 (0xC4)
R/W
See Table 5-27.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com