Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGP Datasheet(PDF) 13 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 9Page - Texas Instruments CC115LRGP Datasheet HTML 10Page - Texas Instruments CC115LRGP Datasheet HTML 11Page - Texas Instruments CC115LRGP Datasheet HTML 12Page - Texas Instruments CC115LRGP Datasheet HTML 13Page - Texas Instruments CC115LRGP Datasheet HTML 14Page - Texas Instruments CC115LRGP Datasheet HTML 15Page - Texas Instruments CC115LRGP Datasheet HTML 16Page - Texas Instruments CC115LRGP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
BIAS
PA
RBIAS
XOSC_Q1
CSn
SI
SO (GDO1)
XOSC
SCLK
FREQ
SYNTH
Radio Control
GDO0
RF_P
RF_N
GDO2
XOSC_Q2
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
5
Detailed Description
5.1
Overview
The CC115L transmitter is based on direct synthesis of the RF frequency. The frequency synthesizer
includes a completely on-chip LC VCO.
A crystal is to be connected to XOSC_Q1 and XOSC_Q2. The crystal oscillator generates the reference
frequency for the synthesizer, as well as clocks for the ADC and the digital part.
A 4-wire SPI is used for configuration and data buffer access.
The digital baseband includes support for channel configuration, packet handling, and data buffering.
5.2
Functional Block Diagram
A simplified block diagram of CC115L is shown in Figure 5-1.
Figure 5-1. CC115L Simplified Block Diagram
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
13
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com