Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SA Datasheet(PDF) 53 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 53 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 49Page - Texas Instruments TDA2SA Datasheet HTML 50Page - Texas Instruments TDA2SA Datasheet HTML 51Page - Texas Instruments TDA2SA Datasheet HTML 52Page - Texas Instruments TDA2SA Datasheet HTML 53Page - Texas Instruments TDA2SA Datasheet HTML 54Page - Texas Instruments TDA2SA Datasheet HTML 55Page - Texas Instruments TDA2SA Datasheet HTML 56Page - Texas Instruments TDA2SA Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
53
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
AB10
usb1_drvvbus
usb1_drvvbus
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
timer16
7
IO
gpio6_12
14
IO
Driver off
15
I
AF11
usb2_dm
usb2_dm
0
IO
3.3
vdda33v_u
sb2
No
USB2PHY
AE11
usb2_dp
usb2_dp
0
IO
3.3
vdda33v_u
sb2
No
USB2PHY
AC10
usb2_drvvbus
usb2_drvvbus
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
timer15
7
IO
gpio6_13
14
IO
Driver off
15
I
AF12
usb_rxn0
usb_rxn0
0
I
OFF
OFF
1.8
vdda_usb1
AE12
usb_rxp0
usb_rxp0
0
I
OFF
OFF
1.8
vdda_usb1
AC11
usb_txn0
usb_txn0
0
O
1.8
vdda_usb1
AD11
usb_txp0
usb_txp0
0
O
1.8
vdda_usb1
H13, H14, J17,
J18, L7, L8, N10,
N13, P11, P12,
P13, R11, R16,
R19, T13, T16,
T19, U13, U16, U8,
U9, V16, V8
vdd
vdd
PWR
AA12
vdda33v_usb1
vdda33v_usb1
PWR
Y12
vdda33v_usb2
vdda33v_usb2
PWR
M14
vdda_abe_per
vdda_abe_per
PWR
P16
vdda_ddr
vdda_ddr
PWR
N11
vdda_debug
vdda_debug
PWR
N12
vdda_dsp_eve
vdda_dsp_eve
PWR
P15
vdda_gmac_core
vdda_gmac_core
PWR
R14
vdda_gpu
vdda_gpu
PWR
Y17
vdda_hdmi
vdda_hdmi
PWR
R17
vdda_iva
vdda_iva
PWR
N16
vdda_mpu
vdda_mpu
PWR
AD16, AE16
vdda_osc
vdda_osc
PWR
AA17
vdda_pcie0
vdda_pcie0
PWR
W14
vdda_pcie
vdda_pcie
PWR
AA16
vdda_pcie1
vdda_pcie1
PWR
AB13
vdda_rtc
vdda_rtc
PWR
V13
vdda_sata
vdda_sata
PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com