Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SA Datasheet(PDF) 87 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 87 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 83Page - Texas Instruments TDA2SA Datasheet HTML 84Page - Texas Instruments TDA2SA Datasheet HTML 85Page - Texas Instruments TDA2SA Datasheet HTML 86Page - Texas Instruments TDA2SA Datasheet HTML 87Page - Texas Instruments TDA2SA Datasheet HTML 88Page - Texas Instruments TDA2SA Datasheet HTML 89Page - Texas Instruments TDA2SA Datasheet HTML 90Page - Texas Instruments TDA2SA Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
87
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1584
CTRL_CORE_PAD_V
IN2A_D7
E4
vin2a_d7
vout2_d16
emu17
mii1_rxd2
eQEP2_index gpio4_8
Driver off
0x1588
CTRL_CORE_PAD_V
IN2A_D8
F5
vin2a_d8
vout2_d15
emu18
mii1_rxd3
eQEP2_strob
e
gpio4_9
Driver off
0x158C
CTRL_CORE_PAD_V
IN2A_D9
E6
vin2a_d9
vout2_d14
emu19
mii1_rxd0
ehrpwm2A
gpio4_10
Driver off
0x1590
CTRL_CORE_PAD_V
IN2A_D10
D3
vin2a_d10
mdio_mclk
vout2_d13
ehrpwm2B
gpio4_11
Driver off
0x1594
CTRL_CORE_PAD_V
IN2A_D11
F6
vin2a_d11
mdio_d
vout2_d12
ehrpwm2_trip
zone_input
gpio4_12
Driver off
0x1598
CTRL_CORE_PAD_V
IN2A_D12
D5
vin2a_d12
rgmii1_txc
vout2_d11
mii1_rxclk
eCAP2_in_P
WM2_out
gpio4_13
Driver off
0x159C
CTRL_CORE_PAD_V
IN2A_D13
C2
vin2a_d13
rgmii1_txctl
vout2_d10
mii1_rxdv
eQEP3A_in
gpio4_14
Driver off
0x15A0
CTRL_CORE_PAD_V
IN2A_D14
C3
vin2a_d14
rgmii1_txd3
vout2_d9
mii1_txclk
eQEP3B_in
gpio4_15
Driver off
0x15A4
CTRL_CORE_PAD_V
IN2A_D15
C4
vin2a_d15
rgmii1_txd2
vout2_d8
mii1_txd0
eQEP3_index gpio4_16
Driver off
0x15A8
CTRL_CORE_PAD_V
IN2A_D16
B2
vin2a_d16
vin2b_d7
rgmii1_txd1
vout2_d7
vin3a_d8
mii1_txd1
eQEP3_strob
e
gpio4_24
Driver off
0x15AC
CTRL_CORE_PAD_V
IN2A_D17
D6
vin2a_d17
vin2b_d6
rgmii1_txd0
vout2_d6
vin3a_d9
mii1_txd2
ehrpwm3A
gpio4_25
Driver off
0x15B0
CTRL_CORE_PAD_V
IN2A_D18
C5
vin2a_d18
vin2b_d5
rgmii1_rxc
vout2_d5
vin3a_d10
mii1_txd3
ehrpwm3B
gpio4_26
Driver off
0x15B4
CTRL_CORE_PAD_V
IN2A_D19
A3
vin2a_d19
vin2b_d4
rgmii1_rxctl
vout2_d4
vin3a_d11
mii1_txer
ehrpwm3_trip
zone_input
gpio4_27
Driver off
0x15B8
CTRL_CORE_PAD_V
IN2A_D20
B3
vin2a_d20
vin2b_d3
rgmii1_rxd3
vout2_d3
vin3a_de0
vin3a_d12
mii1_rxer
eCAP3_in_P
WM3_out
gpio4_28
Driver off
0x15BC
CTRL_CORE_PAD_V
IN2A_D21
B4
vin2a_d21
vin2b_d2
rgmii1_rxd2
vout2_d2
vin3a_fld0
vin3a_d13
mii1_col
gpio4_29
Driver off
0x15C0
CTRL_CORE_PAD_V
IN2A_D22
B5
vin2a_d22
vin2b_d1
rgmii1_rxd1
vout2_d1
vin3a_hsync0 vin3a_d14
mii1_crs
gpio4_30
Driver off
0x15C4
CTRL_CORE_PAD_V
IN2A_D23
A4
vin2a_d23
vin2b_d0
rgmii1_rxd0
vout2_d0
vin3a_vsync0 vin3a_d15
mii1_txen
gpio4_31
Driver off
0x15C8
CTRL_CORE_PAD_V
OUT1_CLK
D11
vout1_clk
vin4a_fld0
vin3a_fld0
spi3_cs0
gpio4_19
Driver off
0x15CC
CTRL_CORE_PAD_V
OUT1_DE
B10
vout1_de
vin4a_de0
vin3a_de0
spi3_d1
gpio4_20
Driver off
0x15D0
CTRL_CORE_PAD_V
OUT1_FLD
B11
vout1_fld
vin4a_clk0
vin3a_clk0
spi3_cs1
gpio4_21
Driver off
0x15D4
CTRL_CORE_PAD_V
OUT1_HSYNC
C11
vout1_hsync
vin4a_hsync0 vin3a_hsync0
spi3_d0
gpio4_22
Driver off
0x15D8
CTRL_CORE_PAD_V
OUT1_VSYNC
E11
vout1_vsync
vin4a_vsync0 vin3a_vsync0
spi3_sclk
gpio4_23
Driver off
0x15DC
CTRL_CORE_PAD_V
OUT1_D0
F11
vout1_d0
uart5_rxd
vin4a_d16
vin3a_d16
spi3_cs2
gpio8_0
Driver off
0x15E0
CTRL_CORE_PAD_V
OUT1_D1
G10
vout1_d1
uart5_txd
vin4a_d17
vin3a_d17
gpio8_1
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com