Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SA Datasheet(PDF) 97 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 97 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 93Page - Texas Instruments TDA2SA Datasheet HTML 94Page - Texas Instruments TDA2SA Datasheet HTML 95Page - Texas Instruments TDA2SA Datasheet HTML 96Page - Texas Instruments TDA2SA Datasheet HTML 97Page - Texas Instruments TDA2SA Datasheet HTML 98Page - Texas Instruments TDA2SA Datasheet HTML 99Page - Texas Instruments TDA2SA Datasheet HTML 100Page - Texas Instruments TDA2SA Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 427 page
background image
97
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin2a_d6
Video Input 2 Port A Data input
I
C1 / V5
vin2a_d7
Video Input 2 Port A Data input
I
E4 / V4
vin2a_d8
Video Input 2 Port A Data input
I
F5 / V3
vin2a_d9
Video Input 2 Port A Data input
I
E6 / Y2
vin2a_d10
Video Input 2 Port A Data input
I
D3 / U6
vin2a_d11
Video Input 2 Port A Data input
I
F6 / U3
vin2a_d12
Video Input 2 Port A Data input
I
D5
vin2a_d13
Video Input 2 Port A Data input
I
C2
vin2a_d14
Video Input 2 Port A Data input
I
C3
vin2a_d15
Video Input 2 Port A Data input
I
C4
vin2a_d16
Video Input 2 Port A Data input
I
B2
vin2a_d17
Video Input 2 Port A Data input
I
D6
vin2a_d18
Video Input 2 Port A Data input
I
C5
vin2a_d19
Video Input 2 Port A Data input
I
A3
vin2a_d20
Video Input 2 Port A Data input
I
B3
vin2a_d21
Video Input 2 Port A Data input
I
B4
vin2a_d22
Video Input 2 Port A Data input
I
B5
vin2a_d23
Video Input 2 Port A Data input
I
A4
vin2b_clk1
Video Input 2 Port B Clock input
I
AB5/ H7
vin2b_de1
Video Input 2 Port B Data Enable input
I
AB8/ G2
vin2b_fld1
Video Input 2 Port B Field ID input
I
G2
vin2b_hsync1
Video Input 2 Port B Horizontal Sync input
I
AC5/ G1
vin2b_vsync1
Video Input 2 Port B Vertical Sync input
I
AB4/ G6
vin2b_d0
Video Input 2 Port B Data input
I
AD6/ A4
vin2b_d1
Video Input 2 Port B Data input
I
AC8/ B5
vin2b_d2
Video Input 2 Port B Data input
I
AC3/ B4
vin2b_d3
Video Input 2 Port B Data input
I
AC9/ B3
vin2b_d4
Video Input 2 Port B Data input
I
AC6/ A3
vin2b_d5
Video Input 2 Port B Data input
I
AC7/ C5
vin2b_d6
Video Input 2 Port B Data input
I
AC4/ D6
vin2b_d7
Video Input 2 Port B Data input
I
AD4/ B2
Video Input 3 (VIP2)
vin3a_clk0
Video Input 3 Port A Clock input
I
B11/ AH7/ P1
vin3a_de0
Video Input 3 Port A Data Enable input
I
N9/ B3/ B10
vin3a_fld0
Video Input 3 Port A Field ID input
I
P9/ B4/ D11
vin3a_hsync0
Video Input 3 Port A Horizontal Sync input
I
N7/ B5/ C11
vin3a_vsync0
Video Input 3 Port A Vertical Sync input
I
R4/ A4/ E11
vin3a_d0
Video Input 3 Port A Data input
I
M6/ AF1/ B7
vin3a_d1
Video Input 3 Port A Data input
I
M2/ AE3/ B8
vin3a_d2
Video Input 3 Port A Data input
I
L5/ AE5/ A7
vin3a_d3
Video Input 3 Port A Data input
I
M1/ AE1/ A8
vin3a_d4
Video Input 3 Port A Data input
I
L6/ AE2/ C9
vin3a_d5
Video Input 3 Port A Data input
I
L4/ AE6/ A9
vin3a_d6
Video Input 3 Port A Data input
I
L3/ AD2/ B9
vin3a_d7
Video Input 3 Port A Data input
I
L2/ AD3/ A10
vin3a_d8
Video Input 3 Port A Data input
I
L1/ B2/ E8
vin3a_d9
Video Input 3 Port A Data input
I
K2/ D6/ D9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com