Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SA Datasheet(PDF) 7 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 3Page - Texas Instruments TDA2SA Datasheet HTML 4Page - Texas Instruments TDA2SA Datasheet HTML 5Page - Texas Instruments TDA2SA Datasheet HTML 6Page - Texas Instruments TDA2SA Datasheet HTML 7Page - Texas Instruments TDA2SA Datasheet HTML 8Page - Texas Instruments TDA2SA Datasheet HTML 9Page - Texas Instruments TDA2SA Datasheet HTML 10Page - Texas Instruments TDA2SA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 427 page
background image
7
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Device Comparison
Copyright © 2015–2019, Texas Instruments Incorporated
Table 3-1. Device Comparison(3) (continued)
FEATURES
DEVICE
TDA2Sxx
TDA2Hxx
TDA2LFx
TDA2SXx
TDA2SGx
TDA2SAx
TDA2HGx
TDA2HVx
TDA2HFx
General-Purpose
Memory Controller
GPMC
Yes
Yes
Yes
Yes
Yes
DDR2/DDR3 Memory
Controller (1)
EMIF1 (with
SECDEC)
up to 2GB
up to 2GB
up to 2GB
up to 2GB
up to 2GB
EMIF2
up to 2GB
up to 2GB
up to 2GB
up to 2GB
up to 2GB
Dynamic Memory
Manager
DMM
Yes
Yes
Yes
Yes
Yes
Peripherals
Dual Controller Area
Network Interface
(DCAN)
DCAN1
Yes
Yes
Yes
Yes
Yes
DCAN2
Yes
Yes
Yes
Yes
Yes
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Yes
Yes
Yes
System DMA
SDMA
Yes
Yes
Yes
Yes
Yes
Ethernet Subsystem
(Ethernet SS)
GMAC_SW[0]
Yes
Yes
Yes
Yes
Yes
GMAC_SW[1]
Yes
Yes
Yes
Yes
Yes
Ethernet switch
Yes
Yes
Yes
Yes
Yes
General-Purpose I/O
GPIO
up to 247
up to 247
up to 247
up to 247
up to 247
Inter-Integrated Circuit
Interface
I2C
5
5
5
5
5
System Mailbox Module
MAILBOX
13
13
13
13
13
Multichannel Audio Serial
Port (McASP)
McASP1
16 serializers
16
serializers
16 serializers
16
serializers
16
serializers
McASP2
16 serializers
16
serializers
16 serializers
16
serializers
16
serializers
McASP3
4 serializers
4 serializers
4 serializers
4 serializers 4 serializers
McASP4
4 serializers
4 serializers
4 serializers
4 serializers 4 serializers
McASP5
4 serializers
4 serializers
4 serializers
4 serializers 4 serializers
McASP6
4 serializers
4 serializers
4 serializers
4 serializers 4 serializers
McASP7
4 serializers
4 serializers
4 serializers
4 serializers 4 serializers
McASP8
4 serializers
4 serializers
4 serializers
4 serializers 4 serializers
MultiMedia Card/Secure
Digital/Secure Digital
Input Output Interface
(MMC/SD/SDIO)
MMC1
1x UHSI 4b
1x UHSI 4b
1x UHSI 4b
1x UHSI 4b
1x UHSI 4b
MMC2
1x eMMC™ 8b
1x eMMC™
8b
1x eMMC 8b
1x eMMC
8b
1x eMMC
8b
MMC3
1x SDIO 8b
1x SDIO 8b
1x SDIO 8b
1x SDIO 8b 1x SDIO 8b
MMC4
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b 1x SDIO 4b
PCI Express 3.0 Port with
Integrated PHY
PCIe_SS1
Yes
Yes
Yes
Yes
Yes
PCIe_SS2
Yes
Yes
Yes
Yes
Yes
SATA Gen2 Interface
SATA
Yes
Yes
Yes
Yes
Yes
Real-Time Clock
Subsystem
RTCSS
Yes
Yes
Yes
Yes
Yes
Multichannel Serial
Peripheral Interface
McSPI
4
4
4
4
4
Quad SPI
QSPI
Yes
Yes
Yes
Yes
Yes
Spinlock Module
SPINLOCK
Yes
Yes
Yes
Yes
Yes
Timers, General-Purpose
TIMER
16
16
16
16
16
Timer, Watchdog
WATCHDOG
TIMER
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com