Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SA Datasheet(PDF) 6 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 2Page - Texas Instruments TDA2SA Datasheet HTML 3Page - Texas Instruments TDA2SA Datasheet HTML 4Page - Texas Instruments TDA2SA Datasheet HTML 5Page - Texas Instruments TDA2SA Datasheet HTML 6Page - Texas Instruments TDA2SA Datasheet HTML 7Page - Texas Instruments TDA2SA Datasheet HTML 8Page - Texas Instruments TDA2SA Datasheet HTML 9Page - Texas Instruments TDA2SA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 427 page
background image
6
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Device Comparison
Copyright © 2015–2019, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison(3)
FEATURES
DEVICE
TDA2Sxx
TDA2Hxx
TDA2LFx
TDA2SXx
TDA2SGx
TDA2SAx
TDA2HGx
TDA2HVx
TDA2HFx
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:2
4] Base PN register bitfield value (2)(3)
51 (0x33)
50 (0x32)
45 (0x2D)
42 (0x2A)
38 (0x26)
41 (0x29)
25 (0x19)
Processors/Accelerator
s
Speed Grades
T
R
R
R, D
T
T, F
Dual Arm Cortex-A15
Microprocessor
Subsystem (MPU)
MPU core 0
Yes
Yes
Yes
Yes
Yes
MPU core 1
Yes
No
No
No
Yes
Yes
C66x VLIW DSP
DSP1
Yes
Yes
Yes
Yes
No
DSP2
Yes
Yes
Yes
Yes
No
BitBLT 2D Hardware
Acceleration Engine
(BB2D)
BB2D
Yes
No
Yes
No
Yes
No
Display Subsystem
VOUT1
Yes
Yes
Yes
Yes
No
VOUT2
Yes
Yes
Yes
Yes
No
VOUT3
Yes
Yes
Yes
Yes
No
HDMI
Yes
Yes
Yes
Yes
No
Embedded Vision Engine
(EVE)
EVE1
Yes
Yes
Yes
Yes
No
EVE2
Yes
Yes
Yes
Yes
No
EVE3
Yes
Yes
No
No
No
EVE4
Yes
Yes
No
No
No
Dual Arm Cortex-M4
Image Processing Unit
(IPU)
IPU1
Yes
Yes
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Yes
Yes
Image Video Accelerator
IVA
Yes
Yes
Yes
Yes
Yes
No
SGX544 Dual-Core 3D
Graphics Processing Unit
GPU
Yes
No
Yes
No
Yes
No
Video Input
Port (VIP)
VIP1
vin1a
Yes
Yes
Yes
Yes
No
vin1b
Yes
Yes
Yes
Yes
No
vin2a
Yes
Yes
Yes
Yes
No
vin2b
Yes
Yes
Yes
Yes
No
VIP2
vin3a
Yes
Yes
Yes
Yes
No
vin3b
Yes
Yes
Yes
Yes
No
vin4a
Yes
Yes
Yes
Yes
No
vin4b
Yes
Yes
Yes
Yes
No
VIP3
vin5a
Yes
Yes
Yes
Yes
No
vin6a
Yes
Yes
Yes
Yes
No
Video Processing Engine
VPE
Yes
Yes
Yes
Yes
No
Program/Data Storage
On-Chip Shared Memory
(RAM)
OCMC_RAM1
512KB
512KB
512KB
512KB
512KB
OCMC_RAM2
1MB
1MB
1MB
1MB
1MB
OCMC_RAM3
1MB
1MB
1MB
1MB
1MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com