Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SA Datasheet(PDF) 83 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 83 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 79Page - Texas Instruments TDA2SA Datasheet HTML 80Page - Texas Instruments TDA2SA Datasheet HTML 81Page - Texas Instruments TDA2SA Datasheet HTML 82Page - Texas Instruments TDA2SA Datasheet HTML 83Page - Texas Instruments TDA2SA Datasheet HTML 84Page - Texas Instruments TDA2SA Datasheet HTML 85Page - Texas Instruments TDA2SA Datasheet HTML 86Page - Texas Instruments TDA2SA Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
83
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1404
CTRL_CORE_PAD_
GPMC_AD1
M2
gpmc_ad1
vin3a_d1
vout3_d1
gpio1_7
sysboot1
0x1408
CTRL_CORE_PAD_
GPMC_AD2
L5
gpmc_ad2
vin3a_d2
vout3_d2
gpio1_8
sysboot2
0x140C
CTRL_CORE_PAD_
GPMC_AD3
M1
gpmc_ad3
vin3a_d3
vout3_d3
gpio1_9
sysboot3
0x1410
CTRL_CORE_PAD_
GPMC_AD4
L6
gpmc_ad4
vin3a_d4
vout3_d4
gpio1_10
sysboot4
0x1414
CTRL_CORE_PAD_
GPMC_AD5
L4
gpmc_ad5
vin3a_d5
vout3_d5
gpio1_11
sysboot5
0x1418
CTRL_CORE_PAD_
GPMC_AD6
L3
gpmc_ad6
vin3a_d6
vout3_d6
gpio1_12
sysboot6
0x141C
CTRL_CORE_PAD_
GPMC_AD7
L2
gpmc_ad7
vin3a_d7
vout3_d7
gpio1_13
sysboot7
0x1420
CTRL_CORE_PAD_
GPMC_AD8
L1
gpmc_ad8
vin3a_d8
vout3_d8
gpio7_18
sysboot8
0x1424
CTRL_CORE_PAD_
GPMC_AD9
K2
gpmc_ad9
vin3a_d9
vout3_d9
gpio7_19
sysboot9
0x1428
CTRL_CORE_PAD_
GPMC_AD10
J1
gpmc_ad10
vin3a_d10
vout3_d10
gpio7_28
sysboot10
0x142C
CTRL_CORE_PAD_
GPMC_AD11
J2
gpmc_ad11
vin3a_d11
vout3_d11
gpio7_29
sysboot11
0x1430
CTRL_CORE_PAD_
GPMC_AD12
H1
gpmc_ad12
vin3a_d12
vout3_d12
gpio1_18
sysboot12
0x1434
CTRL_CORE_PAD_
GPMC_AD13
J3
gpmc_ad13
vin3a_d13
vout3_d13
gpio1_19
sysboot13
0x1438
CTRL_CORE_PAD_
GPMC_AD14
H2
gpmc_ad14
vin3a_d14
vout3_d14
gpio1_20
sysboot14
0x143C
CTRL_CORE_PAD_
GPMC_AD15
H3
gpmc_ad15
vin3a_d15
vout3_d15
gpio1_21
sysboot15
0x1440
CTRL_CORE_PAD_
GPMC_A0
R6
gpmc_a0
vin3a_d16
vout3_d16
vin4a_d0
vin4b_d0
i2c4_scl
uart5_rxd
gpio7_3
Driver off
0x1444
CTRL_CORE_PAD_
GPMC_A1
T9
gpmc_a1
vin3a_d17
vout3_d17
vin4a_d1
vin4b_d1
i2c4_sda
uart5_txd
gpio7_4
Driver off
0x1448
CTRL_CORE_PAD_
GPMC_A2
T6
gpmc_a2
vin3a_d18
vout3_d18
vin4a_d2
vin4b_d2
uart7_rxd
uart5_ctsn
gpio7_5
Driver off
0x144C
CTRL_CORE_PAD_
GPMC_A3
T7
gpmc_a3
qspi1_cs2
vin3a_d19
vout3_d19
vin4a_d3
vin4b_d3
uart7_txd
uart5_rtsn
gpio7_6
Driver off
0x1450
CTRL_CORE_PAD_
GPMC_A4
P6
gpmc_a4
qspi1_cs3
vin3a_d20
vout3_d20
vin4a_d4
vin4b_d4
i2c5_scl
uart6_rxd
gpio1_26
Driver off
0x1454
CTRL_CORE_PAD_
GPMC_A5
R9
gpmc_a5
vin3a_d21
vout3_d21
vin4a_d5
vin4b_d5
i2c5_sda
uart6_txd
gpio1_27
Driver off
0x1458
CTRL_CORE_PAD_
GPMC_A6
R5
gpmc_a6
vin3a_d22
vout3_d22
vin4a_d6
vin4b_d6
uart8_rxd
uart6_ctsn
gpio1_28
Driver off
0x145C
CTRL_CORE_PAD_
GPMC_A7
P5
gpmc_a7
vin3a_d23
vout3_d23
vin4a_d7
vin4b_d7
uart8_txd
uart6_rtsn
gpio1_29
Driver off
0x1460
CTRL_CORE_PAD_
GPMC_A8
N7
gpmc_a8
vin3a_hsync0 vout3_hsync
vin4b_hsync1 timer12
spi4_sclk
gpio1_30
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com