Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 6 of 22
Data Sheet
Rev 008
February/08
4. MLX90609 Sensor Specific Specifications
DC Operating Parameters TA = -40°C to 85°C, VDD = 4.75V to 5.25V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
4
V
Output Full Scale
(on OUTAR pin)
min
,
max
,
Ω
Ω
−
=
OUT
OUT
OUT
U
U
FS
1920
LSB
Full Scale Range
FSin
Factory set for N2 version
Factory set for E2 version
Factory set for R2 version
±75
±150
±300
°/s
Linearity Note 2
Output, best fit based
+/- 0.5
% FSOUT
26.67
13.33
6.67
mV/°/sec
Initial Scale Factor (sensitivity)
0
OUT
IN
FS
S
FS
=
Data are given for
N2, E2 and R2 versions
respectively and
according to the Full
Scale Range Setting.
At 25°C, VDD=5V.
12.8
6.4
3.2
LSB/°/sec
Scale Factor drift (sensitivity drift) Note 1
-40..+85ºC temperature
range, supply voltage
variation included
-5
5
%S0
2.5
V
Zero Rate Output (Bias)
ZRO
at 25ºC, VDD=5V
1008
LSB
Zero Rate Temperature drift
(Bias drift) Note 1
-40...+85ºC temperature
range, VDD=5V
-5
0
5
% FSOUT
250
mV/V
Zero Rate Supply Drift
4.75..5.25V at 25°C
120
LSB/V
Bandwidth (-3 dB) Note 2
Selectable by external
capacitor (section 6)
75
Hz
FLT to OUTAR capacitor value Note 2
7 Hz Bandwidth
(-4.5 to -1 dB)
100
±5%
nF
Output Noise power spectral density
At 250C
0.03
°/sec/√Hz
Angular Rate Cross-sensitivity
for 0x,0y Note 2
for a full-scale angular
rate along 0x,0y
1
2
%FSOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com