Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 22Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 19 of 22
Data Sheet
Rev 008
February/08
9. Package Information
The MLX90609 is packaged in a 32 pin JESD30C compliant Ceramic Quad Flat None leaded -
CQFN32 -ceramic housing. The CQFN32 is commonly called CLCC32 or LCCC32.
Note: All dimensions are given in mm (inch).
Figure 9-1. Package Dimensions, Bottom View
Figure 9-2. Side and Top View of the MLX90609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com