Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 7 of 22
Data Sheet
Rev 008
February/08
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Resonance Frequency
FRES
8.2
KHz
Wake-up time at power up Note 2
MLX90609 operational, all
parameters are in spec.,
CFLT=10nF, C3=100nF.
Capacitors names are
referred to Fig.6-1
150
250
ms
Resolution of the internal ADC
11
bit
ADC conversion time Note 2
TCONV
Includes Track/Hold
Acquisition Time
90
115
µs
Voltage Reference
VREF0
at 25°C
2.45
2.5
2.55
V
Voltage Reference TC
TCVREF
VREF =
VREF0 (1 + TCVREF × ∆T)
90
ppm/K
Temperature Sensor
VTEMP0
at 25°C
2.3
2.5
2.7
V
Temperature Sensor TC
TCTEMP
VOUTTEMP =
VTEMP0 + TCTEMP × ∆T
10
mV/K
Table 4. Sensor Specific Specifications
Notes:
1. Better performance can be obtained. Please contact Melexis.
2. These numbers are guaranteed by design and/or characterization.
3. The voltage reference should ideally not be loaded, as there is an internal ESD resistor of about 1.5 kOhm
in series with the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com