Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90609EEA-R2 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 3 of 22
Data Sheet
Rev 008
February/08
1. Maximum Ratings
MLX90609 operates without failure, for 6500 hours with a certain temperature profile in the
-
40°C to +85ºC range.
The MLX90609 meets the following maximum ratings over the entire operating temperature range
and supply voltage range unless otherwise indicated. The current polarity is positive if the current
flows into a terminal. All voltages are referenced to VSS.
Parameter.
Min
Max
Units
Comments
Supply Voltage, VDD
-0.5
7
V
No latch-up or damage.
Rise time (10 to 90%):
tr ≥ 0.5 s.
Supply Voltage, VDD
4.75
5.25
V
Operating within specifications
Output pins (OUTAR, OUTTEMP, all digital IO’s)
current limit, shorted to VDD or VSS pin
25
mA
VDD = 0 to 7V
guaranteed by characterization
Operating Temperature Range, TAMBIENT
-40
85
°
C
Operating Temperature Range, TJUNCTION
-40
110
°
C
Output not shorted
Storage Temperature Range
-55
125
°
C
Package Thermal Resistance
100
°
C/W
Latch-up withstand
-150
150
mA
CDF - AEC - Q100-004;
VDD= 5.75V
Acceleration shock survival
±1500
g
Shock 0.5ms, 3 axis
Table 1. Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com