Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 12 of 22
Data Sheet
Rev 008
February/08
5.3 Usage of the ADC
The MLX90609 has the unique feature of simultaneously delivering an analog and a digital output
signal.
The MLX90609 includes an internal 11-bit successive-approximation-register ADC with a sample-
and-hold circuit and a programmable 2-channel analog multiplexer. The multiplexer connects the
OUTAR pin or the OUTTEMP pin to the sample-and-hold circuit.
After a power-up the ADC is in a sleep mode. Before usage of the sleeping ADC it's recommended
to use an initial dummy conversion. The result of this dummy conversion should be skipped but the
next conversions will be valid. After conversions the ADC can be put in the sleep mode again.
A conversion must be initiated by means of the SPI command ADCC. This command turns the
ADC on, sets a necessary channel and starts a conversion. To read a status of the conversion the
ADCR or STATR commands can be used. As soon as the conversion is completed, its result
should be read in the answer of the command ADCR (see tables 8, 9 and 10).
There are two conversion formulas below. The formulas reflect the typical ADC behavior and can
be used to evaluate the voltage on the OUTAR and OUTTEMP pins:
400
12
25
)
(
+
=
ADCcode
mV
V
OUTAR
300
16
25
)
(
+
=
ADCcode
mV
V
OUTTEMP
The ADCcode represents the 11-bit result of the conversion (see Table 10).
Table 6 gives a description of the bits that are mentioned in this section.
ADEN
The ADEN bit selects the power management mode of the ADC:
ADEN=0: ADC is switched to the sleep mode, no AD-conversion is allowed.
ADEN=1: AD-conversion is allowed.
This bit is set by the ADCC-command. After power-up bit ADEN is cleared.
BUSY
This bit will be set after a reset and will be toggled to zero after all initialization procedures inside
the MLX90609. While BUSY=1, only refusal answers will be sent.
CHAN
The CHAN bit is used to select the input source for the ADC.
CHAN=0: the angular rate channel.
CHAN=1: the temperature sensor channel.
This bit is set by the ADCC-command. After power-up bit CHAN is cleared.
EOC
End of AD-conversion bit. EOC bit indicates an ADC state.
EOC=0 : ADC in progress and can not be restarted.
EOC=1 : AD-conversion has been completed and can be restarted.
As a result, any attempt of the ADC starting will be rejected if EOC has a “0” state.
OPC
Unknown Operation Code. This bit is set when a received operation code was not recognized.
X
These bits are reserved or have an undefined state.
Table 6. SPI bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com