Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90609EEA-R2 Datasheet(PDF) 14 Page - Melexis Microelectronic Systems

Part # MLX90609EEA-R2
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90609EEA-R2 Datasheet(HTML) 14 Page - Melexis Microelectronic Systems

Back Button MLX90609EEA-R2 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90609EEA-R2 Datasheet HTML 18Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 14 of 22
Data Sheet
Rev 008
February/08
5.3.2 Reading the Digital Angular Rate or Temperature (suggested procedure)
There is a recommended sequence below to obtain digital data from the ADC.
Notes:
- The bit with leftmost position should be shifted first.
- Below “x” means any value: “0” or “1”.
•
Step 1 (put ADC to the active mode if it wasn’t)
Use SPI to send ADCC instruction (MOSI): 1 0 0 1 x 1 0 0 x x x x x x x x x x x x x x x x
And check 15th bit of the answer (MISO):
0 x x x x x x x x x x x x x x x
If 15
th
bit is zero, the instruction is accepted.
Before to go to the Step 2 provide a delay > 115 µs or wait till the EOC bit is set.
•
Step 2 (conversion start)
Use SPI to send ADCC instruction(MOSI):1 0 0 1 CHAN 1 0 0 x x x x x x x x x x x x x x x x
And check 15th bit of the answer (MISO):
0 x x x x x x x x x x x x x x x
If 15
th
bit is zero, the instruction is accepted.
CHAN bit specifies the input source of the ADC.
CHAN=0: The angular rate signal.
CHAN=1: The temperature sensor signal.
Go to the Step 3.
•
Step 3 (polling and result obtaining)
Use SPI to send ADCR instruction and check 15
th
and 13
th
bits of the answer:
1
0
0
0
0
0
0
0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
0
x EOC x
AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 0
If 15
th
bit is zero, the instruction is accepted.
If
13
th
bit
(EOC)
is zero,
the
conversion
is
still
in
progress and
the
result
of
the
conversion (bits AD10…AD0) is not valid. As soon as the EOC bit is set the conversion is
completed and the result is valid.
Instead of the polling of the EOC bit one can use a simple delay that should be bigger
than a maximal conversion time (>115 µs, see table 4).
Go to the Step 2 to do the next conversion or to the Step 4 to put ADC to the sleep mode.
•
Step 4 (put ADC to the sleep mode if it’s necessary)
Use SPI to send ADCC instruction (MOSI):
1 0 0 1 x 0 0 0 x x x x x x x x x x x x x x x x
And check 15th bit of the answer (MISO):
0 x x x x x x x x x x x x x x x
If 15
th
bit is zero, the instruction is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com