Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 9Page - RF Micro Devices RF6001 Datasheet HTML 10Page - RF Micro Devices RF6001 Datasheet HTML 11Page - RF Micro Devices RF6001 Datasheet HTML 12Page - RF Micro Devices RF6001 Datasheet HTML 13Page - RF Micro Devices RF6001 Datasheet HTML 14Page - RF Micro Devices RF6001 Datasheet HTML 15Page - RF Micro Devices RF6001 Datasheet HTML 16Page - RF Micro Devices RF6001 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
13 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Packaging
The device is packaged in a 48-pin leadless package with an outside dimension of 7mmx7mm and an exposed bottom-side
ground flag.
Package Drawing
Pin
Function
Description
Interface Schematic
46
DCD
Digital voltage regulator output. A decoupling capacitor is required to
ground. DC output voltage of 2.5V.
47
VDD
Digital power supply. Supply filtering components may be required in some
applications (e.g. series resistor and shunt capacitor). Note that series
resistance to this pin will drop the supply voltage. The specified supply volt-
age range needs to be present on this pin during operation.
48
OSCO
Buffered reference oscillator output. This pin can be used to provide the
system clock for the radio. Analog output. DC output voltage of approxi-
mately 1.6V when OSCO is enabled.
DCD
VDD
OSCO
3.37 TYP
3.50 TYP
-A-
-B-
7.00 TYP
6.75 TYP
2 PLCS
0.10 C A
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2 PLCS
0.10 C B
-C-
SEATING
PLANE
0.08 C
0.90
0.85
0.70
0.65
0.05
0.00
5
NOTES:
1.
Shaded lead is Pin 1.
2.
Die thickness allowable is 0.305 mm max.
(0.012 inches max.).
Dimension applies to plated terminal and is
measured between 0.20 mm and 0.25 mm
from terminal tip.
4.
Package warpage maximum 0.08 mm.
Applied for exposed pad and terminals.
Exlude embedding part of exposed pad
from measuring.
5
3
0.30
0.18
0.10
C AB
M
3
0.60
0.24
TYP
0.60
0.24
TYP
0.50
0.30
TYP
5.25
4.95
SQ
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com