Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6001 Datasheet HTML 1Page - RF Micro Devices RF6001 Datasheet HTML 2Page - RF Micro Devices RF6001 Datasheet HTML 3Page - RF Micro Devices RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
2 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-40 to +150
°C
Input Voltage, IIN, IBIN, QIN, QBIN
2.7
V
Input Voltage, all others
3.6
V
Supply Voltage, VCC
-0.5 to 5.0
V
Supply Voltage, VDD, VRXVDD, VCCV
-0.5 to 3.6
V
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
All specifications met over listed operating
range, unless otherwise specified.
Supply Voltage (VRXVDD, VDD, VCCV,
VCC)
2.7
2.75
3.0
V
Temperature (TOP)
-40
+25
+85
°C
Frequency Range
Receive
Cellular 850
869
894
MHz
Low Band Receive
EGSM900
925
960
MHz
Low Band Receive
DCS1800
1805
1880
MHz
High Band Receive
PCS1900
1930
1990
MHz
High Band Receive
Transmit
Cellular 850
824
849
MHz
Low Band Transmit
EGSM900
880
915
MHz
Low Band Transmit
DCS1800
1710
1785
MHz
High Band Transmit
PCS1900
1850
1910
MHz
High Band Transmit
Power Supply
Supply Current RX IRXD
30
mA
Digital interface
Supply Current RX IRXA
34
mA
Analog interface
Supply Current TX ITXHGD
80
mA
High band GMSK, digital
Supply Current TX ITXLGD
65
mA
Low band GMSK, digital
Supply Current TX ITXHGA
80
mA
High band GMSK, analog
Supply Current TX ITXLGA
65
mA
Low band GMSK, analog
Supply Current Idle IMODE1
5
mA
Reference and buffers on
Supply Current Idle IMODE2
9
mA
Reference, buffer and AFC DAC
Supply Current Standby ISB
130
170
uA
Digital supply on, clocks off
Maximum Current by Pin
VDDRX (pin 9)
14.5
TBD
mA
Worst case mode of operation
VCC (pin 18)
10.5
TBD
mA
Worst case mode of operation
VCCV (pin 24)
42.0
TBD
mA
Worst case mode of operation
VDD (pin 47)
11.2
TBD
mA
Worst case mode of operation
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com