Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6001 Datasheet HTML 1Page - RF Micro Devices RF6001 Datasheet HTML 2Page - RF Micro Devices RF6001 Datasheet HTML 3Page - RF Micro Devices RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
1 of 70
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
VDDRX
DCAD
TXST
DCV2
GPO1
GPO2
OSCOM
OSCM
VCO1P
OSCB
OSCA
VCO1N
IBIN
IIN
QIN
QBIN
FSR/
QOUT
DRI/
QBOUT
ENR/
IOUT
CLKR/
IBOUT
DRQ/
GPO3
DCV1
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
ADC
ADC
LPF
Digital Processing
Decimation
Downconversion
Channel Filters
Standard Serial
Interface
Digital
VREG
ADC
VREG
Ref.
Osc.
Serial
Programming
Interface
Control and
Calibration
PA Ramp
Control
Charge Pump
Phase Detector
Fractional
Divider
GMSK
Modulator
TX
Interface
10
DAC 1 and DAC 2
LPF
DAC
DAC
Output
Mux
Loop Filters
3
VCO2
VCO1
VCO
VREG
RF6001
FRACTIONAL-N RF SYNTHESIZER WITH
MODULATOR AND DIGITAL IF FILTER
The RF6001 is a combination synthesizer and signal processing IC, which along
with the RF2722 Very-Low-IF Receive IC, constitutes RFMD's low-cost GSM trans-
ceiver solution. The high-performance fractional-N synthesizer offers numerous fea-
tures including a fully digital GMSK modulator with provisions for an analog I/Q
interface and extremely low current consumption. The signal processor section pro-
vides a digital receive filter path designed to complement the RF2722. The IF
inputs are digitized, filtered and downconverted to baseband I and Q signals. The
flexible baseband interface can be configured for either analog or digital operation.
Chip functionality is controlled through a three-wire serial data interface (SDI) bus.
The RF2722 is part of the POLARISTM TOTAL RADIOTM solution.
Features
Fractional-N Synthesizer with
Digital GMSK Modulator
Signal Processing Circuitry for
use with RF2722 VLIF Receiver
Versatile Baseband Interface
Integrated RF Transmit VCO’s
Applications
GSM/DCS Handsets
GSM/DCS/PCS Handsets
Quad-Band GSM Handsets
Multi-Band EDGERX Handsets
Multi-Band GPRS Handsets
RF6001
Fractional-N RF Synthesizer with Modulator and Digital IF Fil-
ter
Rev A3 DS050929
Part of the POLARIS™ TOTAL RADIO™ Solution
RoHS Compliant & Pb-Free Product
Package Style: QFN, 48-Pin, 7 x 7


Similar Part No. - RF6001

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
RF6001PCBA RFMD-RF6001PCBA Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001_06 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
More results

Similar Description - RF6001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
RF Micro Devices
RF6001 RFMD-RF6001_06 Datasheet
45Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER Part of the POLARISTM TOTAL RADIOTM Solution
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com