Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 51 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 51 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 47Page - RF Micro Devices RF6001 Datasheet HTML 48Page - RF Micro Devices RF6001 Datasheet HTML 49Page - RF Micro Devices RF6001 Datasheet HTML 50Page - RF Micro Devices RF6001 Datasheet HTML 51Page - RF Micro Devices RF6001 Datasheet HTML 52Page - RF Micro Devices RF6001 Datasheet HTML 53Page - RF Micro Devices RF6001 Datasheet HTML 54Page - RF Micro Devices RF6001 Datasheet HTML 55Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
51 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Clock Outputs
The OSCO output may be used to drive the RF2722, or it can provide the system clock for the radio. The OSCOM pin deter-
mines the frequency of the buffered OSCO output signal. If OSCOM is low, the output signal is 13MHz. When OSCOM is high,
the output signal is 26MHz.
The RF2722 may also be provided a 26MHz clock from the LDTO pin by setting the DC_CLK bit true. This will output a 26MHz
clock via the LDTO pin for an amount of time set by DC_TIME3 after RXEN is asserted.
Additional circuitry is included to prevent glitches, or incomplete pulses on the OSCO buffered output pin. This circuitry requires
a few stable clock cycles before the output is enabled.
VCO’s
The internal power VCO’s on the RF6001 are completely integrated and controlled by the on-chip Fractional-N PLL. Both low-
band (VCO1) and high-band (VCO2) RF outputs can be matched to 50
Ω with a single series capacitor. VCO1 requires external
inductors to ground of approximately 2.2nH with ±5% tolerance and Q>30 on pins 25 and 26. Using standard FR4 material
(DK=4.25@1GHz, loss tangent=0.014) the inductor physical dimensions can be printed according to the table below based
on the distance from top layer metal to RF ground plane:
The output of the VCO’s should be connected to the transmit buffers located in the RF2722, as shown in the diagram below:
Inductance (nH)
Line Width (mils)
Line Length (mils)
Gnd Plane Spacing (mils)
2.5
10
350
5
2.5
10
250
10
2.5
10
210
15
2.5
10
190
20
OSCA
Clock
Generation
OSCO
OSCB
TCXO
Internal Clocks
To host/DSP,
and/or RF2722
DAC2
Crystal Oscillator Circuit
*Crystal used:
Toyocom PN TSX-8A,
NDK PN 4025DA
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com