Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 27 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 27 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 23Page - RF Micro Devices RF6001 Datasheet HTML 24Page - RF Micro Devices RF6001 Datasheet HTML 25Page - RF Micro Devices RF6001 Datasheet HTML 26Page - RF Micro Devices RF6001 Datasheet HTML 27Page - RF Micro Devices RF6001 Datasheet HTML 28Page - RF Micro Devices RF6001 Datasheet HTML 29Page - RF Micro Devices RF6001 Datasheet HTML 30Page - RF Micro Devices RF6001 Datasheet HTML 31Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
27 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
As initial guidance for the settings of the DC offset and blanking system, the following two setups are presented. Both are
acceptable for GPRS operation. The 160usec option represents a minimum startup time. The 210usec startup option will min-
imize any DC errors due to initial thermal drift.
Transmit Information
Transmit Turn-On Sequence
The following diagram documents the transmit turn-on sequence when using the RF6001 with the RF3146 power amplifier.
The sequence is initiated by taking TXST signal high. The RF6001 requires 140
μs worst case for all calibrations and PLL lock to
take place. Once this is complete, the PA will be turned on by taking TXEN high (TXENU=140
μs). The PA ramp should start
about 2
μs later for optimal switching spectrum performance of the RF3146 (PAT=142μs).
There is a programming feature within the RF6001 to provide real-time control of the front-end transmit/receive (T/R) switch.
The T/R switch must be turned off during the prior bust to ensure the ETSI time-mask is not violated. This feature is invoked by
setting TRD bit high. The GPO1, GPO2 and GPO3 outputs of the RF6001 will be set to values programmed into TRDC_TX(2:0)
bits when TXST is taken high. These values should turn off the T/R switch for the given transmit state. After time TXENU, the
GPO outputs of the RF6001 will revert back to the originally programmed states defined in SDI bits GPO1, GPO2 and GPO3.
160usec Startup
DCTIME1=20us
DCTIME2=140us
DCAD=23h=129.2us
BLK_DLY=1fh=114.5us
AGC_DLY=2ch=162.5us
DCAD_2=25h=136.6us
210usec Startup
DCTIME1=20us
DCTIME2=180us
DCAD=30h=177us
BLK_DLY=2ch=162.5us
AGC_DLY=39h=210.5us
DCAD_2=32h=184.6us
RF6001
Turn on
TXST
TXEN
PA Ramp
TXENU
140us startup time
t=0usec
RF6001 PA Ramp
completed
BURST STARTS
t=-155usec
Activate RF6001
RF6001
GPO
pins
t=-140usec
PA DAC
Turn on
t=-15usec
PAT
PA Ramp
Time
GPO3
GPO2
GPO1
TRDC_TX(2)
TRDC_TX(1)
TRDC_TX(0)
GPO3
GPO2
GPO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com