Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6001 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6001
Description  FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6001 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF6001 Datasheet HTML 4Page - RF Micro Devices RF6001 Datasheet HTML 5Page - RF Micro Devices RF6001 Datasheet HTML 6Page - RF Micro Devices RF6001 Datasheet HTML 7Page - RF Micro Devices RF6001 Datasheet HTML 8Page - RF Micro Devices RF6001 Datasheet HTML 9Page - RF Micro Devices RF6001 Datasheet HTML 10Page - RF Micro Devices RF6001 Datasheet HTML 11Page - RF Micro Devices RF6001 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8 of 70
RF6001
Rev A3 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Part of the POLARIS™ TOTAL RADIO™ Solution
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RX D/A Converters
pins: IOUT, IBOUT, QOUT, QBOUT
Resolution (RESD/A)
12
bits
Effective number of bits
Sample Rate (Fs)
13
MHz
Lowpass Filter Bandwidth
(BWD/A)
140
150
160
kHz
Lowpass Filter Order (ND/AF)
6
hybrid Butterworth/Bessel
IQ Differential Offset
10
mV
IQ Gain Mismatch
0.1
0.5
dB
Common Mode Voltage
VDDRX/2
V
Output Voltage Range (FSD/A)0
2.0
VP-P
differential, 0dB gain
Output Resistive Load (RD/A)30
k
Ω
each signal
Output Capacitive Load (CD/A)50
pF
each signal
GMSK I/Q Interface
Pins: TXI, TXIB, TXQ, TXQB
I/Q Input Voltage (VCMI/Q)
1.00
1.25
1.50
V
Common mode
I/Q Input Level (VPI/Q)0.5
1.0
1.20
VPK
Differential
Input Impedance (ZINI/Q)30
k
Ω
Digital Input Specifications
Apply to pins: SSB, SDI, SCLK, RXEN, TXST,
TXEN, MCK, MDI, MS, OSCM, OSCOM, CLKR
Input High Voltage (VIH)0.7VDD
V
Input Low Voltage (VIL)0.3VDD
V
Input High Current (IIH)50
μA
Input Low Current (IIL)50
μA
Input Setup Time* (TSU)10
ns
Input Hold Time* (THLD)10
ns
Input Rise/Fall Time (TRFI)15
ns
Input Clock to Select Time (TCS)10
ns
Input Clock Pulse Width High
(TCWH)
15
ns
Input Clock Pulse Width Low (TCWL)15
ns
Input Capacitance (CIN)
650
fF
Digital Output Drivers
Apply to pins: LDTO, ENR, CLKR, FSR, DRI,
MCK, MS
Output High Voltage (VOH)0.8VDD
VWith 1mA load
Output Low Voltage (VOL)0.2VDD
VWith 1mA load
Output Rise/Fall Time (TRFO)
5
ns
With 20pF maximum load capacitance
GPO Output Drivers
Apply to pins: GP01, GP02 and DRQ/GPO3.
Output High Voltage (VOH)VDD-0.05
V
With 1mA load
VDD-0.45
V
With 10mA load
Output Low Voltage (VOL)
0.02
V
With 1mA load
0.2
V
With 10mA load
* Setup and Hold Times are measured from the time where the waveforms cross VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com