Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 59Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 60Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 61Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 62Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 63Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 64Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 65Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 66Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 63 of 144
When a new half-line cycle is written in the LINCYC register,
the LWATTHR register is reset, and a new accumulation starts
at the next zero crossing. The number of half-line cycles is then
counted until LINCYC is reached. This implementation provides a
valid measurement at the first CYCEND interrupt after writing
to the LINCYC register (see
)
sin(
2
)
(
θ
t
V
t
v
+
ω
=
(21)
)
sin(
2
)
(
t
I
t
i
ω
=
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
=
′
2
sin
2
)
(
t
I
t
i
(22)
Figure 70). The line active energy
accumulation uses the same signal path as the active energy
accumulation. The LSB size of these two registers is equivalent.
where:
θ
is the phase difference between the voltage and current channel.
v
is the rms voltage.
i
is the rms current.
LINCYC
VALUE
CYCEND IRQ
LWATTHR REGISTER
q
(t) = v(t) × i’(t)
(23)
q
(t) = VI sin (θ) + VI sin
)
2
(
θ
+
ωt
The average reactive power over an integral number of lines (n)
is given in Equation 24.
∫
θ
=
=
nT
VI
dt
t
q
nT
Q
0
)
sin(
)
(
1
(24)
Figure 70. Energy Accumulation When LINCYC Changes
where:
T
is the line cycle period.
q
is referred to as the reactive power.
From the information in Equation 10 and Equation 11,
()
()dt
ft
f
VI
dt
VI
t
E
nT
nT
π
⎪
⎪
⎭
⎪
⎪
⎬
⎫
⎪
⎪
⎩
⎪
⎪
⎨
⎧
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
∫
∫
2
cos
9
.
8
1
0
2
0
(18)
Note that the reactive power is equal to the dc component of
the instantaneous reactive power signal q(t) in Equation 23.
The instantaneous reactive power signal q(t) is generated by
multiplying the voltage and current channels. In this case, the
phase of the current channel is shifted by 90°. The dc component of
the instantaneous reactive power signal is then extracted by a
low-pass filter to obtain the reactive power information (see
where:
n
is an integer.
T
is the line cycle period.
Because the sinusoidal component is integrated over an integer
number of line cycles, its value is always 0. Therefore,
Figure 71).
0
0
+
=
∫
nT
VIdt
E
(19)
E
(t) = VInT
(20)
In addition, the phase-shifting filter has a non-unity magnitude
response. Because the phase-shifted filter has a large attenuation
at high frequency, the reactive power is primarily for calculation
at line frequency. The effect of harmonics is largely ignored in
the reactive power calculation. Note that, because of the magnitude
characteristic of the phase shifting filter, the weight of the
reactive power is slightly different from the active power
calculation (see the
Note that in this mode, the 16-bit LINCYC register can hold
a maximum value of 65,535. In other words, the line energy
accumulation mode can be used to accumulate active energy
for a maximum duration of over 65,535 half-line cycles. At a
60 Hz line frequency, it translates to a total duration of
65,535/120 Hz = 546 sec.
Energy Register Scaling section).
The frequency response of the LPF in the reactive signal path is
identical to the one used for LPF2 in the average active power
calculation. Because LPF2 does not have an ideal brick wall
frequency response (see
REACTIVE POWER CALCULATION FOR THE
ADE7569/ADE7169
Figure 64), the reactive power signal
has some ripple due to the instantaneous reactive power signal.
This ripple is sinusoidal and has a frequency equal to twice the
line frequency. Because the ripple is sinusoidal in nature, it is
removed when the reactive power signal is integrated to
calculate energy.
Reactive power, a function available for the ADE7569/ADE7169
but not for the ADE7566/ADE7166, is defined as the product of
the voltage and current waveforms when one of these signals is
phase-shifted by 90°. The resulting waveform is called the
instantaneous reactive power signal. Equation 23 gives an
expression for the instantaneous reactive power signal in an ac
system when the phase of the current channel is shifted by 90°.
The reactive power signal can be read from the waveform
register by setting the WAVMODE register (0x0D) and the
WFSM bit in the Interrupt Enable 3 SFR (MIRQENH, 0xDB).
Like the current and voltage channels waveform sampling modes,
the waveform data is available at sample rates of 25.6 kSPS, 12.8
kSPS, 6.4 kSPS, or 3.2 kSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com