Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 90 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 86Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 87Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 88Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 89Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 90Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 91Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 92Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 93Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 90 of 144
Table 69. Interrupt Priority SFR (IP, 0xB8)
Bit
Address
Mnemonic
Description
7
0xBF
PADE
ADE Energy Measurement Interrupt Priority (1 = high, 0 = low).
6
0xBE
PTEMP
Temperature ADC Interrupt Priority (1 = high, 0 = low).
5
0xBD
PT2
Timer 2 Interrupt Priority (1 = high, 0 = low).
4
0xBC
PS
UART Serial Port Interrupt Priority (1 = high, 0 = low).
3
0xBB
PT1
Timer 1 Interrupt Priority (1 = high, 0 = low).
2
0xBA
PX1
INT1 (External Interrupt 1) Priority (1 = high, 0 = low).
1
0xB9
PT0
Timer 0 Interrupt Priority (1 = high, 0 = low).
0
0xB8
PX0
INT0 (External Interrupt 0) Priority (1 = high, 0 = low).
Table 70. Interrupt Enable and Priority 2 SFR (IEIP2, 0xA9)
Bit
Mnemonic
Description
7
Reserved
6
PTI
RTC Interrupt Priority (1 = high, 0 = low).
5
Reserved
4
PSI
SPI/I2C Interrupt Priority (1 = high, 0 = low).
3
EADE
Enables the Energy Metering Interrupt (ADE). Set by the user.
2
ETI
Enables the RTC Interval Timer Interrupt. Set by the user.
1
EPSM
Enables the PSM Power Supply Management Interrupt. Set by the user.
0
ESI
Enables the SPI/I2C Interrupt. Set by the user.
INTERRUPT PRIORITY
If two interrupts of the same priority level occur simultaneously, the polling sequence is observed (as shown in Table 71).
Table 71. Priority Within Interrupt Level
Source
Priority
Description
IPSM
0 (Highest)
Power Supply Monitor Interrupt.
IRTC
1
RTC Interval Timer Interrupt.
IADE
2
ADE Energy Measurement Interrupt.
WDT
3
Watchdog Timer Overflow Interrupt.
ITEMP
4
Temperature ADC Interrupt.
IE0
5
External Interrupt 0.
TF0
6
Timer/Counter 0 Interrupt.
IE1
7
External Interrupt 1.
TF1
8
Timer/Counter 1 Interrupt.
ISPI/I2CI
9
SPI/I2C Interrupt.
RI/TI
10
UART Serial Port Interrupt.
TF2/EXF2
11 (Lowest)
Timer/Counter 2 Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com