Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 78 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 74Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 75Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 76Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 77Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 78Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 79Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 80Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 81Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 78 of 144
8052 MCU CORE ARCHITECTURE
ENERGY
MEASUREMENT
PC
16kB ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE
PROGRAM/DATA
MEMORY
8051
COMPATIBLE
CORE
256 BYTES XRAM
OTHER ON-CHIP
PERIPHERALS:
• SERIAL I/O
• WDT
• TIMERS
BATTERY
ADC
LCD DRIVER
TEMPERATURE
ADC
RTC
POWER
MANAGEMENT
128-BYTE
SPECIAL
FUNCTION
REGISTER
AREA
IR
STACK
256 BYTES
GENERAL
PURPOSE
RAM
REGISTER
BANKS
The ADE7566/ADE7569/ADE7166/ADE7169 have an 8052
MCU core and use the 8052 instruction set. Some of the
standard 8052 peripherals, such as the UART, have been
enhanced. This section describes the standard 8052 core and its
enhancements used in the ADE7566/ADE7569/ADE7166/
ADE7169.
The special function register (SFR) space is mapped into the
upper 128 bytes of internal data memory space and is accessed
by direct addressing only. It provides an interface between the
CPU and all on-chip peripherals. A block diagram showing the
programming model of the ADE7566/ADE7569/ADE7166/
ADE7169 via the SFR area is shown in Figure 80.
Figure 80. ADE7566/ADE7569/ADE7166/ADE7169 Block Diagram
All registers except the program counter (PC), instruction
register (IR), and the four general-purpose register banks
reside in the SFR area. The SFR registers include power
control, configuration, and data registers that provide an
interface between the CPU and all on-chip peripherals.
MCU REGISTERS
The registers used by the MCU are summarized in this section.
Table 55. 8052 SFRs
Address
Mnemonic
Bit Addressable
Description
0xE0
ACC
Yes
Accumulator.
0xF0
B
Yes
Auxiliary Math Register.
0xD0
PSW
Yes
Program Status Word (see Table 56).
0x87
PCON
No
Program Control Register (see Table 57).
0x82
DPL
No
Data Pointer Low (see Table 58).
0x83
DPH
No
Data Pointer High (see Table 59).
0x83 and 0x82
DPTR
No
Data Pointer (see Table 60).
0x81
SP
No
Stack Pointer (see Table 61).
0xAF
CFG
No
Configuration (see Table 62).
Table 56. Program Status Word SFR (PSW, 0xD0)
Bit
Address
Mnemonic
Description
7
0xD7
CY
Carry Flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
6
0xD6
AC
Auxiliary Carry Flag. Modified by ADD and ADDC instructions.
5
0xD5
F0
General-Purpose Flag Available to the User.
Register Bank Select Bits.
4 to 3
0xD4, 0xD3
RS1, RS0
RS1
RS0
Result (Selected Bank)
0
0
0
0
1
1
1
0
2
1
1
3
2
0xD2
OV
Overflow Flag. Modified by ADD, ADDC, SUBB, MUL, and DIV instructions.
1
0xD1
F1
General-Purpose Flag Available to the User.
0
0xD0
P
Parity Bit. The number of bits set in the accumulator added to the value of the parity bit is always an
even number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com