Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 79 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 75Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 76Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 77Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 78Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 79Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 80Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 81Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 82Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 79 of 144
Table 57. Program Control SFR (PCON, 0x87)
Bit
Default
Description
7
0
SMOD bit. Double baud rate control.
6 to 0
0
Reserved. Should be left cleared.
Table 58. Data Pointer Low SFR (DPL, 0x82)
Bit
Default
Description
7 to 0
0
Contain the low byte of the data pointer.
Table 59. Data Pointer High SFR (DPH, 0x83)
Bit
Default
Description
7 to 0
0
Contain the high byte of the data pointer.
Table 60. Data Pointer SFR (DPTR, 0x82 and 0x83)
Bit
Default
Description
15 to 0
0
Contain the 2-byte address of the data pointer.
DPTR is a combination of DPH and DPL SFRs.
Table 61. Stack Pointer SFR (SP, 0x81)
Bit
Default
Description
7 to 0
7
Contain the 8 LSBs of the pointer for the stack.
Table 62. Configuration SFR (CFG, 0xAF)
Bit
Mnemonic
Description
7
Reserved
This bit should be left set for proper operation.
Enhanced UART Enable Bit.
EXTEN
Result
0
Standard 8052 UART without enhanced error-checking features.
6
EXTEN
1
Enhanced UART with enhanced error checking (see the UART Additional Features section).
Synchronous Communication Selection Bit.
SCPS
Result
0
I2C port is selected for control of the shared I2C/SPI pins and SFRs.
5
SCPS
1
SPI port is selected for control of the shared I2C/SPI pins and SFRs.
38 kHz Modulation Enable Bit.
MOD38EN
Result
0
38 kHz modulation is disabled.
4
MOD38EN
1
38 kHz modulation is enabled on the pins selected by the MOD38[7:0] bits in the
Extended Port Configuration SFR (EPCFG, 0x9F).
3 to 2
Reserved
XRENx
Result
XREN1 OR XREN0 = 1
Enables MOVX instruction to use 256 bytes of extended RAM.
1 to 0
XREN1,
XREN0
XREN1 AND XREN0 = 0
Disables MOVX instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com