Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 60Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 61Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 62Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 63Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 64Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 65Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 66Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 67Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 64 of 144
Reactive Power Gain Calibration
Figure 71 shows the signal processing chain for the
ADE7569/ADE7169 reactive power calculation. As explained in
the Reactive Power Calculation for the ADE7569/ADE7169
section, the reactive power is calculated by applying a low-pass
filter to the instantaneous reactive power signal. Note that,
when reading the waveform samples from the output of LPF2,
the gain of the reactive energy can be adjusted by using the
multiplier and by writing a twos complement, 12-bit word to
the VAR gain register (VARGAIN[11:0]). Equation 25 shows
how the gain adjustment is related to the contents of the watt
gain register.
Output VARGAIN
=
⎟
⎠
⎞
⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
12
2
1
VARGAIN
Power
Reactive
(25)
The resolution of the VARGAIN register is the same as the
WGAIN register (see the Active Power Gain Calibration
section). VARGAIN can be used to calibrate the reactive
power (or energy) calculation in the ADE7569/ADE7169.
Reactive Power Offset Calibration
The ADE7569/ADE7169 also incorporate a reactive power
offset register (VAROS[15:0]). This is a signed, twos complement,
16-bit register that can be used to remove offsets in the reactive
power calculation (see Figure 71). An offset can exist in the
reactive power calculation due to crosstalk between channels on
the PCB or in the IC itself. The offset calibration allows the
contents of the reactive power register to be maintained at 0
when no power is being consumed.
The 256 LSBs (VAROS = 0x100) written to the reactive power
offset register are equivalent to 1 LSB in the WAVMODE register.
Sign of Reactive Power Calculation
Note that the average reactive power is a signed calculation.
The phase shift filter has −90° phase shift when the integrator
is enabled, and +90° phase shift when the integrator is disabled.
Table 45 summarizes the relationship of the phase difference
between the voltage and the current and the sign of the resulting
VAR calculation.
Table 45. Sign of Reactive Power Calculation
Angle
Integrator
Sign
Between 0° to +90°
Off
Positive
Between –90° to 0°
Off
Negative
Between 0° to +90°
On
Positive
Between –90° to 0°
On
Negative
Reactive Power Sign Detection
The ADE7569/ADE7169 detect a change of sign in the reactive
power. The VARSIGN flag in the Interrupt Status 1 SFR
(MIRQSTL, 0xDC) records when a change of sign has occurred
according to the VARSIGN bit in the ACCMODE register
(0x0F). If the VARSIGN bit is set in the Interrupt Enable 1 SFR
(MIRQENL, 0xD9), the 8052 core has a pending ADE interrupt.
The ADE interrupt stays active until the VARSIGN status bit is
cleared (see the Energy Measurement Interrupts section).
When VARSIGN in the ACCMODE register (0x0F) is cleared
(default), the VARSIGN flag in the Interrupt Status 1 SFR
(MIRQSTL, 0xDC) is set when a transition from positive to
negative reactive power occurrs.
When VARSIGN in the ACCMODE register (0x0F) is set, the
VARSIGN flag in the Interrupt Status 1 SFR (MIRQSTL, 0xDC)
is set when a transition from negative to positive reactive power
occurrs.
Reactive Power No-Load Detection
The ADE7569/ADE7169 include a no-load threshold feature on
the reactive energy that eliminates any creep effects in the
meter. The ADE7569/ADE7169 accomplish this by not
accumulating reactive energy when the multiplier output is
below the no-load threshold. When the reactive power is below
the no-load threshold, the RNOLOAD flag in the Interrupt Status
1 SFR (MIRQSTL, 0xDC) is set. If the RNOLOAD bit is set in the
Interrupt Enable 1 SFR (MIRQENL, 0xD9), the 8052 core has a
pending ADE interrupt. The ADE interrupt stays active until the
RNOLOAD status bit is cleared (see the Energy Measurement
Interrupts section).
The no-load threshold level is selectable by setting the
VARNOLOAD bits in the NLMODE register (0x0E).
Setting these bits to 0b00 disables the no-load detection,
and setting them to 0b01, 0b10, or 0b11 sets the no-load
detection threshold to 0.015%, 0.0075%, and 0.0037% of
the full-scale output frequency of the multiplier, respectively.
REACTIVE ENERGY CALCULATION FOR THE
ADE7569/ADE7169
As for active energy, the ADE7569/ADE7169 achieve the
integration of the reactive power signal by continuously
accumulating the reactive power signal in an internal, nonreadable,
49-bit energy register. The reactive energy register (VARHR[23:0])
represents the upper 24 bits of this internal register. The
VARHR register and its function are available for the
ADE7569/ADE7169 but not for the ADE7566/ADE7166.
The discrete time sample period (T) for the accumulation register
in the ADE7569/ADE7169 is 1.22 μs (5/MCLK). As well as
calculating the energy, this integration removes any sinusoidal
components that may be in the active power signal. Figure 71
shows this discrete time integration or accumulation. The
reactive power signal in the waveform register is continuously
added to the internal reactive energy register.
The reactive energy accumulation depends on the setting of the
SAVARM and ABSVARM bits in the ACCMODE register (0x0F).
When both bits are cleared, the addition is signed and, therefore,
negative energy is subtracted from the reactive energy contents.
When both bits are set, the ADE7569/ADE7169 are set to be in
the more restrictive mode, the absolute accumulation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com