Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 81Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 82Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 83Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 84Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 85Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 86Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 87Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 88Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 85 of 144
Mnemonic
Description
Bytes
Cycles
RLC A
Rotate A Left Through Carry.
1
1
RR A
Rotate A Right.
1
1
RRC A
Rotate A Right Through Carry.
1
1
DATA TRANSFER
MOV A,Rn
Move Register to A.
1
1
MOV A,@Ri
Move Indirect Memory to A.
1
2
MOV Rn,A
Move A to Register.
1
1
MOV @Ri,A
Move A to Indirect Memory.
1
2
MOV A,dir
Move Direct Byte to A.
2
2
MOV A,#data
Move Immediate to A.
2
2
MOV Rn,#data
Move Register to Immediate.
2
2
MOV dir,A
Move A to Direct Byte.
2
2
MOV Rn,dir
Move Register to Direct Byte.
2
2
MOV dir,Rn
Move Direct to Register.
2
2
MOV @Ri,#data
Move Immediate to Indirect Memory.
2
2
MOV dir,@Ri
Move Indirect to Direct Memory.
2
2
MOV @Ri,dir
Move Direct to Indirect Memory.
2
2
MOV dir,dir
Move Direct Byte to Direct Byte.
3
3
MOV dir,#data
Move Immediate to Direct Byte.
3
3
MOV DPTR,#data
Move Immediate to Data Pointer.
3
3
MOVC A,@A+DPTR
Move Code Byte Relative DPTR to A.
1
4
MOVC A,@A+PC
Move Code Byte Relative PC to A 1.
1
4
MOVX A,@Ri
Move External (A8) Data to A.
1
4
MOVX A,@DPTR
Move External (A16) Data to A.
1
4
MOVX @Ri,A
Move A to External Data (A8).
1
4
MOVX @DPTR,A
Move A to External Data (A16).
1
4
PUSH dir
Push Direct Byte onto Stack.
2
2
POP dir
Pop Direct Byte from Stack.
2
2
XCH A,Rn
Exchange A and Register.
1
1
XCH A,@Ri
Exchange A and Indirect Memory.
1
2
XCHD A,@Ri
Exchange A and Indirect Memory Nibble.
1
2
XCH A,dir
Exchange A and Direct Byte.
2
2
BOOLEAN
CLR C
Clear Carry.
1
1
CLR bit
Clear Direct Bit.
2
2
SETB C
Set Carry.
1
1
SETB bit
Set Direct Bit.
2
2
CPL C
Complement Carry.
1
1
CPL bit
Complement Direct Bit.
2
2
ANL C,bit
AND Direct Bit and Carry.
2
2
ANL C,/bit
AND Direct Bit Inverse to Carry.
2
2
ORL C,bit
OR Direct Bit And Carry.
2
2
ORL C,/bit OR
Direct Bit Inverse to Carry.
2
2
MOV C,bit
Move Direct Bit to Carry.
2
2
MOV bit,C
Move Carry to Direct Bit.
2
2
BRANCHING
JMP @A+DPTR
Jump Indirect Relative to DPTR.
1
3
RET
Return from Subroutine.
1
4
RETI
Return from Interrupt.
1
4
ACALL addr11
Absolute Jump to Subroutine.
2
3
AJMP addr11
Absolute Jump Unconditional.
2
3
SJMP rel
Short Jump (Relative Address).
2
3
JC rel
Jump on Carry Equal to 1.
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com