Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 129 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 129 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 125Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 126Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 127Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 128Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 129Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 130Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 131Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 132Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 129 of 144
Table 140. SPI Configuration SFR 1 (SPIMOD1, 0xE8)
Bit
Address
Mnemonic
Default
Description
7 to 6
0xEF to
0xEE
Reserved
0
Reserved.
5
0xED
INTMOD
0
SPI Interrupt Mode.
INTMOD
Result
0
SPI interrupt is set when SPI Rx buffer is full.
1
SPI interrupt is set when SPI Tx buffer is empty.
4
0xEC
AUTO_SS
1
Master Mode, SS Output Control (see Figure 108).
AUTO_SS
Result
0
The SS pin is held low while this bit is cleared. This allows manual chip select
control using the SS pin.
Single Byte Read or Write. The SS pin goes low during a single byte
transmission and then returns high.
1
Continuous Transfer. The SS pin goes low during the duration of the multibyte
continuous transfer and then returns high.
3
0xEB
SS_EN
0
Slave Mode, SS Input Enable.
When this bit is set to Logic 1, the SS pin is defined as the slave select input pin for the SPI
slave interface.
2
0xEA
RxOFW
0
Receive Buffer Overflow Write Enable.
RxOFW
Result
0
If the SPI2CRx SFR has not been read when a new data byte is received,
the new byte is discarded.
1
If the SPI2CRx SFR has not been read when a new data byte is received,
the new byte overwrites the old data.
1 to 0
0xE9 to
0xE8
SPIR[1:0]
0
Master Mode, SPI SCLK Frequency.
SPIR[1:0]
Result
00
fCORE/8 = 512 kHz (if fCORE = 4.096 MHz)
01
fCORE/16 = 256 kHz (if fCORE = 4.096 MHz)
10
fCORE/32 = 128 kHz (if fCORE = 4.096 MHz)
11
fCORE/64 = 64 kHz (if fCORE = 4.096 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com