Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 138 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 138 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 134Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 135Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 136Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 137Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 138Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 139Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 140Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 141Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 142Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 138 of 144
I/O REGISTERS
Table 149. Extended Port Configuration SFR (EPCFG, 0x9F)
Bit
Mnemonic
Default
Description
7
MOD38_FP21
0
Enable 38 kHz modulation on P1.6/FP21 pin.
6
MOD38_FP22
0
Enable 38 kHz modulation on P1.5/FP22 pin.
5
MOD38_FP23
0
Enable 38 kHz modulation on P1.4/T2/FP23 pin.
4
MOD38_TxD
0
Enable 38 kHz modulation on P1.1/TxD pin.
3
MOD38_CF1
0
Enable 38 kHz modulation on P0.2/CF1/RTCCAL pin.
2
MOD38_SSb
0
Enable 38 kHz modulation on P0.7/SS/T1pin.
1
MOD38_MISO
0
Enable 38 kHz modulation on P0.5/MISO pin.
0
MOD38_CF2
0
Enable 38 kHz modulation on P0.3/CF2 pin.
Table 150. Port 0 Weak Pull-Up Enable SFR (PINMAP0, 0xB2)
Bit
Mnemonic
Default
Description
7
PINMAP0.7
0
The weak pull-up on P0.7 is disabled when this bit is set.
6
PINMAP0.6
0
The weak pull-up on P0.6 is disabled when this bit is set.
5
PINMAP0.5
0
The weak pull-up on P0.5 is disabled when this bit is set.
4
PINMAP0.4
0
The weak pull-up on P0.4 is disabled when this bit is set.
3
PINMAP0.3
0
The weak pull-up on P0.3 is disabled when this bit is set.
2
PINMAP0.2
0
The weak pull-up on P0.2 is disabled when this bit is set.
1
PINMAP0.1
0
The weak pull-up on P0.1 is disabled when this bit is set.
0
PINMAP0.0
0
The weak pull-up on P0.0 is disabled when this bit is set.
Table 151. Port 1 Weak Pull-Up Enable SFR (PINMAP1, 0xB3)
Bit
Mnemonic
Default
Description
7
PINMAP1.7
0
The weak pull-up on P1.7 is disabled when this bit is set.
6
PINMAP1.6
0
The weak pull-up on P1.6 is disabled when this bit is set.
5
PINMAP1.5
0
The weak pull-up on P1.5 is disabled when this bit is set.
4
PINMAP1.4
0
The weak pull-up on P1.4 is disabled when this bit is set.
3
PINMAP1.3
0
The weak pull-up on P1.3 is disabled when this bit is set.
2
PINMAP1.2
0
The weak pull-up on P1.2 is disabled when this bit is set.
1
PINMAP1.1
0
The weak pull-up on P1.1 is disabled when this bit is set.
0
PINMAP1.0
0
The weak pull-up on P1.0 is disabled when this bit is set.
Table 152. Port 2 Weak Pull-Up Enable SFR (PINMAP2, 0xB4)
Bit
Mnemonic
Default
Description
7 to 6
Reserved
0
Reserved. Should be left cleared.
5
PINMAP2.5
0
The weak pull-up on RESET is disabled when this bit is set.
4
Reserved
0
Reserved. Should be left cleared.
3
PINMAP2.3
0
Reserved. Should be left cleared.
2
PINMAP2.2
0
The weak pull-up on P2.2 is disabled when this bit is set.
1
PINMAP2.1
0
The weak pull-up on P2.1 is disabled when this bit is set.
0
PINMAP2.0
0
The weak pull-up on P2.0 is disabled when this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com