Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
11 / 32
Copyright © 2022, Injoinic Corp.
电池工作电压
VBAT
电池节数为
N
N*2.75
N*4.5
V
DC 输出电压
QC2.0
VOUT
VOUT=5V@1A
4.75
5.00
5.25
V
VOUT=9V@1A
8.70
9.00
9.30
V
VOUT=12V@1A
11.60
12.00
12.40
V
QC3.0/
QC3+
VOUT
@1A
3.6
12
V
QC3.0
Step
200
mV
QC3+
Step
20
mV
输出电压纹波
ΔVOUT
VBAT=4*3.7V,
VOUT=5V,
Fs=400kHz, Iout=1A
40
mV
VBAT=4*3.7V,
VOUT=9V ,
Fs=400kHz, Iout=1A
40
mV
VBAT=4*3.7V , VOUT=12V ,
Fs=400kHz, Iout=1A
40
mV
放电系统最大
输出功率
Pmax
PD 协议下,不同 FSEL 电阻值
20
45
W
放电系统效率
ηout
VBAT=8V, VOUT=5V,
IOUT=3A
94
%
VBAT=8V, VOUT=9V,
IOUT=3A
93
%
VBAT=8V, VOUT=12V,
IOUT=3A
94
%
VBAT=15V, VOUT=5V,
IOUT=3A
90
%
VBAT=15V, VOUT=9V,
IOUT=3A
94
%
VBAT=15V, VOUT=12V,
IOUT=3A
94
%
放电系统过流
关断电流
Ishut
VBAT=N*3.7V,多口输出 5V
4.3
4.6
5.0
A
VBAT= N *3.7V,单口输出 5V
3.2
3.6
4.0
A
VBAT= N *3.7V, 单口输出 9V,
PD 状态
2.22
2.4
2.7
A
VBAT= N *3.7V, 单口输出 12V,
PD 状态
1.67
1.8
2
A
VBAT= N *3.7V, 单口输出 PD 状
PDO * 1.15
A
输出轻载关机
功率
Pout
VBAT=3.7V
350
mW
负载过流检测
TUVD
输出电压持续低于
2.4V
30
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com