Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 15 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 15 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
15 / 32
Copyright © 2022, Injoinic Corp.
表
2
上拉
Ip 使能时的比较器阈值
Minimum Voltage
Maximum Voltage
Threshold
Powered cable/adapter(vRa)
0.00V
0.75V
0.80V
vRd-Connect
0.85V
2.45V
2.60V
No connect(vOPEN)
2.75V
表
3
下拉电阻
Rd 使能时的比较器阈值
Detection
Min voltage
Max voltage
Threshold
vRa
-0.25V
0.15V
0.20V
vRd-Connect
0.25V
2.04V
vRd-USB
0.25V
0.61V
0.66V
vRd-1.5
0.70V
1.16V
1.23V
vRd-3.0
1.31V
2.04V
图
7
USB C 检测周期
表
4
USB-C 检测周期
Minimum
Maximum
Description
tDRP
50ms
100ms
The period a DRP shall complete a Source to Sink and
back advertisement
dcSRC.DRP
30%
70%
The percent of time that a DRP shall advertise Source
during tDRP
tDRPTransition
0ms
1ms
The time a DRP shall complete transitions between Source
and Sink roles during role resolution
tDRPTry
75ms
150ms
Wait time associated with the Try.SRC state
tDRPTryWait
400ms
800ms
Wait time associated with the Try.SNK state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com