Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 3 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 3 Page - Cree LED

  XP-G2 Datasheet HTML 1Page - Cree LED XP-G2 Datasheet HTML 2Page - Cree LED XP-G2 Datasheet HTML 3Page - Cree LED XP-G2 Datasheet HTML 4Page - Cree LED XP-G2 Datasheet HTML 5Page - Cree LED XP-G2 Datasheet HTML 6Page - Cree LED XP-G2 Datasheet HTML 7Page - Cree LED XP-G2 Datasheet HTML 8Page - Cree LED XP-G2 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
3
XLAMP® XP-G2 LED
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point - High Efficacy
°C/W
3
Thermal resistance, junction to solder point - Standard
°C/W
4
Viewing angle (FWHM) - High Efficacy
degrees
125
Viewing angle (FWHM) - Standard
degrees
120
Temperature coefficient of voltage - High Efficacy
mV/°C
-1.3
Temperature coefficient of voltage - Standard
mV/°C
-1.8
ESD withstand voltage (HBM per Mil-Std-883D)
V
8000
DC forward current - High Efficacy
mA
2000
DC forward current - Standard
mA
1500
Reverse voltage
V
5
Forward voltage (@ 350 mA, 85 °C) - High Efficacy
V
2.73
3
Forward voltage (@ 350 mA, 85 °C) - Standard
V
2.8
3.15
Forward voltage (@ 700 mA, 85 °C) - High Efficacy
V
2.83
Forward voltage (@ 700 mA, 85 °C) - Standard
V
2.9
Forward voltage (@ 1000 mA, 85 °C) - High Efficacy
V
2.90
Forward voltage (@ 1000 mA, 85 °C) - Standard
V
3.0
Forward voltage (@ 1500 mA, 85 °C) - High Efficacy
V
2.99
Forward voltage (@ 1500 mA, 85 °C) - Standard
V
3.1
LED junction temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com