Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 36 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 36 Page - Cree LED

Back Button XP-G2 Datasheet HTML 31Page - Cree LED XP-G2 Datasheet HTML 32Page - Cree LED XP-G2 Datasheet HTML 33Page - Cree LED XP-G2 Datasheet HTML 34Page - Cree LED XP-G2 Datasheet HTML 35Page - Cree LED XP-G2 Datasheet HTML 36Page - Cree LED XP-G2 Datasheet HTML 37Page - Cree LED XP-G2 Datasheet HTML 38Page - Cree LED XP-G2 Datasheet HTML 39Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
36
XLAMP® XP-G2 LED
MECHANICAL DIMENSIONS (T
A = 25 °C)
Thermal vias, if present, are not shown on these drawings.
All measurements are ±.13 mm unless otherwise indicated.
Side View
Top View
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
.50
3.30
2.30
.64
.25
.75
1.01
3.30
.50
3.30
.50
1.30
3.30
3.30 REF.
3.30 REF.
1
/
1
22.000
C
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
OPTICAL
REFERENCE
Bottom View
Alternate Bottom View
Anode
Anode
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
.50
3.30
2.30
.64
.25
.75
1.01
3.30
.50
3.30
.50
1.30
3.30
3.30 REF.
3.30 REF.
1
/
1
22.000
C
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
OPTICAL
REFERENCE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
.50
3.30
2.30
.64
.25
.75
1.01
3.30
.50
3.30
.50
1.30
3.30
3.30 REF.
3.30 REF.
1
/
1
22.000
C
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
OPTICAL
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com