Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 8 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 8 Page - Cree LED

Back Button XP-G2 Datasheet HTML 4Page - Cree LED XP-G2 Datasheet HTML 5Page - Cree LED XP-G2 Datasheet HTML 6Page - Cree LED XP-G2 Datasheet HTML 7Page - Cree LED XP-G2 Datasheet HTML 8Page - Cree LED XP-G2 Datasheet HTML 9Page - Cree LED XP-G2 Datasheet HTML 10Page - Cree LED XP-G2 Datasheet HTML 11Page - Cree LED XP-G2 Datasheet HTML 12Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
8
XLAMP® XP-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 34).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
Order Codes
Kit
CCT
Code
Flux (lm) @
85 °C
Flux (lm) @
25 °C*
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
E7
3000 K
S3
156
171
XPGBWT-BE-0000-00KE7
S2
148
163
XPGBWT-BE-0000-00JE7
R5
139
153
XPGBWT-BE-0000-00HE7
XPGBWT-HE-0000-00HE7
R4
130
143
XPGBWT-HE-0000-00GE7
R3
122
134
XPGBWT-UE-0000-00FE7
R2
114
125
XPGBWT-UE-0000-00EE7
Q5
107
118
XPGBWT-UE-0000-00DE7
Q4
100
110
XPGBWT-UE-0000-00CE7
F8
2850 K
S3
156
171
XPGBWT-BE-0000-00KF8
S2
148
163
XPGBWT-BE-0000-00JF8
R5
139
153
XPGBWT-BE-0000-00HF8
XPGBWT-HE-0000-00HF8
R4
130
143
XPGBWT-HE-0000-00GF8
R3
122
134
R2
114
125
XPGBWT-UE-0000-00EF8
Q5
107
118
XPGBWT-UE-0000-00DF8
Q4
100
110
XPGBWT-UE-0000-00CF8
E8
2700 K
S3
156
171
XPGBWT-BE-0000-00KE8
S2
148
163
XPGBWT-BE-0000-00JE8
R5
139
153
XPGBWT-BE-0000-00HE8
XPGBWT-HE-0000-00HE8
R4
130
143
XPGBWT-HE-0000-00GE8
R3
122
134
R2
114
125
XPGBWT-UE-0000-00EE8
Q5
107
118
XPGBWT-UE-0000-00DE8
Q4
100
110
XPGBWT-UE-0000-00CE8
FLUX CHARACTERISTICS - HIGH EFFICACY (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com