Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 1 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 1 Page - Cree LED

  XP-G2 Datasheet HTML 1Page - Cree LED XP-G2 Datasheet HTML 2Page - Cree LED XP-G2 Datasheet HTML 3Page - Cree LED XP-G2 Datasheet HTML 4Page - Cree LED XP-G2 Datasheet HTML 5Page - Cree LED XP-G2 Datasheet HTML 6Page - Cree LED XP-G2 Datasheet HTML 7Page - Cree LED XP-G2 Datasheet HTML 8Page - Cree LED XP-G2 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PRODUCT FAMILY DATA SHEET
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and
XLamp® are registered trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company
names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-G2 LEDs
XP-G2 Standard LED
XP-G2 High Efficacy LED
LED pictures and labels underneath are in a table
PRODUCT DESCRIPTION
The original XLamp® XP-G2 LED pioneered a broad set of LED
applications for the industry, including outdoor and area lighting,
and has since served as a preferred choice by manufacturers
that require advanced output, efficacy and optical control. The
compact and proven 3.45-mm XP platform has an excellent
ecosystem of optics and system solutions available, enabling
lighting manufacturers to simplify their design process and
shorten time to market.
XP-G2 LEDs are now available in two different White versions:
Standard and High Efficacy (HE). XP-G2 Standard is the same
breakthrough product that enabled a broad set of new LED
applications for ceramic high-power LEDs.
The new High Efficacy version extends this legacy with a
drop-in upgrade for existing designs optimized around XP-G2
LEDs. XP-G2 HE LEDs leverage Cree’s latest high-power chip
technology to deliver 25 percent more light output via a higher
maximum current of 2000 mA, higher efficacy and lower thermal
resistance.
FEATURES
• Available in white, outdoor white and 80-, 85- and 90-CRI
white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: Standard: 1500 mA, HE: 2000 mA
• Low thermal resistance: Standard: 4 °C/W, HE: 3 °C/W
• Wide viewing angle: Standard: 120°, HE: 125°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• Electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)


Similar Part No. - XP-G2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
More results

Similar Description - XP-G2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com