Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 15 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 15 Page - Cree LED

Back Button XP-G2 Datasheet HTML 11Page - Cree LED XP-G2 Datasheet HTML 12Page - Cree LED XP-G2 Datasheet HTML 13Page - Cree LED XP-G2 Datasheet HTML 14Page - Cree LED XP-G2 Datasheet HTML 15Page - Cree LED XP-G2 Datasheet HTML 16Page - Cree LED XP-G2 Datasheet HTML 17Page - Cree LED XP-G2 Datasheet HTML 18Page - Cree LED XP-G2 Datasheet HTML 19Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
15
XLAMP® XP-G2 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 34).
•
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
E8
2700 K
R4
130
143
XPGBWT-L1-0000-
00GE8
XPGBWT-H1-0000-
00GE8
R3
122
134
XPGBWT-L1-0000-
00FE8
XPGBWT-H1-0000-
00FE8
R2
114
125
XPGBWT-L1-0000-
00EE8
XPGBWT-H1-0000-
00EE8
Q5
107
118
XPGBWT-L1-0000-
00DE8
XPGBWT-H1-0000-
00DE8
Q4
100
110
XPGBWT-L1-0000-
00CE8
XPGBWT-H1-0000-
00CE8
XPGBWT-P1-0000-
00CE8
XPGBWT-U1-0000-
00CE8
Q3
93.9
103
XPGBWT-L1-0000-
00BE8
XPGBWT-H1-0000-
00BE8
XPGBWT-P1-0000-
00BE8
XPGBWT-U1-0000-
00BE8
Q2
87.4
96.1
XPGBWT-P1-0000-
00AE8
XPGBWT-U1-0000-
00AE8
P4
80.6
88.6
XPGBWT-P1-0000-
009E8
XPGBWT-U1-0000-
009E8
P3
73.9
81.2
XPGBWT-P1-0000-
008E8
XPGBWT-U1-0000-
008E8
P2
67.2
73.9
XPGBWT-P1-0000-
007E8
XPGBWT-U1-0000-
007E8
Z8
2700 K
R3
122
134
XPGBWT-L1-0000-
00FZ8
XPGBWT-H1-0000-
00FZ8
R2
114
125
XPGBWT-L1-0000-
00EZ8
XPGBWT-H1-0000-
00EZ8
Q5
107
118
XPGBWT-L1-0000-
00DZ8
XPGBWT-H1-0000-
00DZ8
Q4
100
110
XPGBWT-L1-0000-
00CZ8
XPGBWT-H1-0000-
00CZ8
Q3
93.9
103
XPGBWT-L1-0000-
00BZ8
XPGBWT-H1-0000-
00BZ8
XPGBWT-P1-0000-
00BZ8
XPGBWT-U1-0000-
00BZ8
Q2
87.4
96.1
XPGBWT-P1-0000-
00AZ8
XPGBWT-U1-0000-
00AZ8
P4
80.6
88.6
XPGBWT-P1-0000-
009Z8
XPGBWT-U1-0000-
009Z8
P3
73.9
81.2
XPGBWT-P1-0000-
008Z8
XPGBWT-U1-0000-
008Z8
P2
67.2
73.9
XPGBWT-P1-0000-
007Z8
XPGBWT-U1-0000-
007Z8
FLUX CHARACTERISTICS - STANDARD (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com