Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 5 Page - Cree LED

Part # XP-G2
Description  Cree® XLamp® XP-G2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XP-G2 Datasheet(HTML) 5 Page - Cree LED

  XP-G2 Datasheet HTML 1Page - Cree LED XP-G2 Datasheet HTML 2Page - Cree LED XP-G2 Datasheet HTML 3Page - Cree LED XP-G2 Datasheet HTML 4Page - Cree LED XP-G2 Datasheet HTML 5Page - Cree LED XP-G2 Datasheet HTML 6Page - Cree LED XP-G2 Datasheet HTML 7Page - Cree LED XP-G2 Datasheet HTML 8Page - Cree LED XP-G2 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement,
sponsorship or association.
5
XLAMP® XP-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 34).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
Order Codes
Kit
CCT
Code
Flux (lm) @
85 °C
Flux (lm) @
25 °C*
70 CRI Minimum
80 CRI Minimum
90 CRI Minimum
50
6000 K
S4
164
180
XPGBWT-BE-0000-00L50
S3
156
171
XPGBWT-BE-0000-00K50
XPGBWT-HE-0000-00K50
S2
148
163
XPGBWT-BE-0000-00J50
XPGBWT-HE-0000-00J50
R5
139
153
XPGBWT-HE-0000-00H50
R4
130
143
R3
122
134
XPGBWT-UE-0000-00F50
R2
114
125
XPGBWT-UE-0000-00E50
E2
5700 K
S4
164
180
XPGBWT-BE-0000-00LE2
S3
156
171
XPGBWT-BE-0000-00KE2
XPGBWT-HE-0000-00KE2
S2
148
163
XPGBWT-BE-0000-00JE2
XPGBWT-HE-0000-00JE2
R5
139
153
XPGBWT-HE-0000-00HE2
R4
130
143
XPGBWT-UE-0000-00GE2
R3
122
134
XPGBWT-UE-0000-00FE2
R2
114
125
XPGBWT-UE-0000-00EE2
E3
5000 K
S4
164
180
XPGBWT-BE-0000-00LE3
S3
156
171
XPGBWT-BE-0000-00KE3
XPGBWT-HE-0000-00KE3
S2
148
163
XPGBWT-BE-0000-00JE3
XPGBWT-HE-0000-00JE3
R5
139
153
XPGBWT-HE-0000-00HE3
R4
130
143
R3
122
134
XPGBWT-UE-0000-00FE3
R2
114
125
XPGBWT-UE-0000-00EE3
F4
4750 K
S4
164
180
XPGBWT-BE-0000-00LF4
S3
156
171
XPGBWT-BE-0000-00KF4
XPGBWT-HE-0000-00KF4
S2
148
163
XPGBWT-BE-0000-00JF4
XPGBWT-HE-0000-00JF4
R5
139
153
XPGBWT-HE-0000-00HF4
R4
130
143
R3
122
134
XPGBWT-UE-0000-00FF4
R2
114
125
XPGBWT-UE-0000-00EF4
Q5
107
118
XPGBWT-UE-0000-00DF4
FLUX CHARACTERISTICS - HIGH EFFICACY (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com