Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4990D
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4990D Datasheet HTML 9Page - STMicroelectronics L4990D Datasheet HTML 10Page - STMicroelectronics L4990D Datasheet HTML 11Page - STMicroelectronics L4990D Datasheet HTML 12Page - STMicroelectronics L4990D Datasheet HTML 13Page - STMicroelectronics L4990D Datasheet HTML 14Page - STMicroelectronics L4990D Datasheet HTML 15Page - STMicroelectronics L4990D Datasheet HTML 16Page - STMicroelectronics L4990D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
V13pk = IQpk⋅ Rsense =
(VCOMP − 1.4)
3
(8)
the conduction of the switch is terminated.
To increase the noise immunity, a ”Leading Edge
Blanking” of about 100ns is internally realized as
shown in fig. 27. Because of that, the smoothing
RC filter between this pin and Rsense could be re-
moved or, at least, considerably reduced.
+
-
I
D97IN503
ISEN
0
3V
CLK
2V
+
-
+
-
1.2V
FROM E/A
OVERCURRENT
COMPARATOR
PWM
COMPARATOR
TO PWM
LOGIC
TO FAULT
LOGIC
13
Figure 27. Internal LEB
Pin 14. DIS (Device Disable). When the voltage
on pin 14 rises above 2.5V the IC is shut down
and it is necessary to pull VCC (IC supply volt-
age, pin 8) below the UVLO threshold to allow the
device to restart. When disabled, the current con-
sumption of the IC is as low as before start-up.
The pin can be driven by an external logic signal
in case of power management, as shown in fig.
28. It is also possible to realize an overvoltage
protection, as shown in the section ” Application
Ideas”.
If used, bypass this pin to ground with a filter ca-
pacitor to avoid spurious activation due to noise
spikes. If not, it is advisable to connect the pin to
SGND, even though it might be left floating.
Pin 15. DC-LIM (Maximum Duty Cycle Limit). The
upper extreme, Dx, of the duty cycle range de-
pends on the voltage applied to this pin. Approxi-
mately,
Dx
≅
RT
RT
+ 230
(9
)
if DC-LIM is grounded or left floating. Instead,
connecting DC-LIM to VREF (half duty cycle op-
tion), Dx will be set approximately to:
Dx
≅
RT
2
⋅ RT + 260
(10)
and the output switching frequency will be halved
with respect to the oscillator one because an in-
ternal T flip-flop (see block diagram, fig. 1) is acti-
vated. Fig. 29 shows the operation.
The half duty cycle option speeds up the dis-
charge of the timing capacitor CT (in order to get
duty cycles as close as possible to 50%) so the
oscillator frequency - with the same RT and CT -
will be slightly higher.
The halving of frequency can be used to reduce
losses at light load in all those systems that must
comply with requirements regarding energy con-
sumption (e.g. monitor displays).
+
-
C
D97IN502
DIS
D
R
Q
DISABLE
UVLO
2.5V
14
DISABLE
SIGNAL
Figure 28. Disable (Latched)
L4990 - L4990A
13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com