Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4990D
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4990D Datasheet HTML 10Page - STMicroelectronics L4990D Datasheet HTML 11Page - STMicroelectronics L4990D Datasheet HTML 12Page - STMicroelectronics L4990D Datasheet HTML 13Page - STMicroelectronics L4990D Datasheet HTML 14Page - STMicroelectronics L4990D Datasheet HTML 15Page - STMicroelectronics L4990D Datasheet HTML 16Page - STMicroelectronics L4990D Datasheet HTML 17Page - STMicroelectronics L4990D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DEMONSTRATION BOARD
To evaluate the device performance, a demon-
stration board has been realized. Despite its sim-
plicity, it exploits most of the features of the
L4990.
The board embodies an application based on the
following specification of universal mains AC-DC
adapter:
Input voltage range: 85-270 Vac (50/60 Hz)
Output voltage: 15 V
Output current: 0.5 to 2A
Output voltage ripple : 300 mV (max.)
Load regulation:
± 5% (0.5 to 2 A load change)
Target efficiency @ Iout = 2 A: ; 80% over the
input voltage full range
Some preliminary decisions, concerning topology,
operating mode, switching frequency, maximum
duty cycle allowed and control technique, have
been made.
As for topology, at this power level and output
voltage, flyback is the most advantageous one,
mainly because of its simplicity, which means low
parts count, low cost and inherent high efficiency.
A peculiar design choice aiming at optimizing the
overall system concerns the operating mode: the
converter will work in continuous current mode at
low input voltages, when input current is greater,
and in discontinuous mode at higher input volt-
ages. Numerous benefits originate from that.
Compared to discontinuous current mode, con-
tinuous operation involves lower peak currents
(typ. -40%) at the same throughput power. This
implies less stress for all power components.
The transformer inductance is higher and, there-
fore, a smaller air gap is required for a given core:
this increases primary-to-secondary coupling and,
as a consequence, reduces leakage inductance
and improves energy transfer. Both efficiency and
load regulation will take advantage of that.
Another point in favor is a reduction of the mini-
mum output power that the system is able to de-
liver keeping the output well regulated.
Few components are required in addition for
slope compensation.
Actually, continuous mode flyback suffers also
from a poor dynamic behavior during load tran-
sients because of the narrow bandwidth of the
control loop due to stability problems. However,
great dynamic performance is not required to AC-
DC adapters, so this problem is of no concern.
The boundary between the two operating modes
has been set at about 150 Vac (@ Iout=2A).
The selection of the switching frequency is a mat-
ter of trade-off between achieving a small trans-
former size and high efficiency. 200 kHz seems to
be a good compromise.
In this application, the wide input voltage range
requires a large duty cycle sweep. The higher is
the maximum duty cycle, the larger is the operat-
V15=GND
V5=V13=GND
V15=VREF
V5=V13=GND
td
td
tc
tc
V2
V10
V2
V10
DX =
tc
tc +td
DX =
tc
2·tc +td
D97IN498
Figure 29. Half duty cycle option.
L4990 - L4990A
14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com