Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990D Datasheet(PDF) 20 Page - STMicroelectronics

Part # L4990D
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L4990D Datasheet HTML 16Page - STMicroelectronics L4990D Datasheet HTML 17Page - STMicroelectronics L4990D Datasheet HTML 18Page - STMicroelectronics L4990D Datasheet HTML 19Page - STMicroelectronics L4990D Datasheet HTML 20Page - STMicroelectronics L4990D Datasheet HTML 21Page - STMicroelectronics L4990D Datasheet HTML 22Page - STMicroelectronics L4990D Datasheet HTML 23Page - STMicroelectronics L4990D Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
L4990
COMP
D97IN508
TL431
V
OUT
VFB
6
5
Figure 37. Feedback with optocoupler
L4990
OPTIONAL
D97IN509A
I
VREF
SGND
RT
CT
RCT
RSLOPE
RSENSE
ISEN
L4990
OPTIONAL
I
VREF
SGND
RT
CT
RCT
RSLOPE
RSENSE
ISEN
L4990
OPTIONAL
OUT
SGND
R
R
RSLOPE
RSENSE
ISEN
CSLOPE
4
2
13
12
4
2
13
12
13
12
10
Figure 38. Slope compensation techniques
Figure 39. Protection against overvoltage/feedbackdisconnection (latched)
L4990
D97IN510
SGND
DIS
VCC
RSTART
PGND
8
14
12
11
L4990
D98IN904
SGND
DIS
VCC
RSTART
PGND
8
14
12
11
VZ
2.2K
L4990 - L4990A
20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com