Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4990D
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4990D Datasheet HTML 14Page - STMicroelectronics L4990D Datasheet HTML 15Page - STMicroelectronics L4990D Datasheet HTML 16Page - STMicroelectronics L4990D Datasheet HTML 17Page - STMicroelectronics L4990D Datasheet HTML 18Page - STMicroelectronics L4990D Datasheet HTML 19Page - STMicroelectronics L4990D Datasheet HTML 20Page - STMicroelectronics L4990D Datasheet HTML 21Page - STMicroelectronics L4990D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Layout hints. Generally speaking a proper cir-
cuitboard layout is vital for correct operation but is
not an easy task. Careful component placing, cor-
rect traces routing, appropriate traces widths and,
in case of high voltages, compliance with isolation
distances are the major issues. The L4990 eases
this task by putting two pins at disposal for sepa-
rate current returns of bias (SGND) and switch
drive currents (PGND) The matter is complex and
only few important points will be here reminded.
1) All current returns (signal ground, power
ground, shielding, etc.) should be routed sepa-
rately and should be connected only at a single
ground point.
2) Noise coupling can be reduced by minimizing
the area circumscribed by current loops. This
applies particularly to loops where high pulsed
currents flow.
3) For high current paths, the traces should be
doubled on the other side of the PCB whenever
possible: this will reduce both the resistance
and the inductance of the wiring.
4) Magnetic field radiation (and stray inductance)
can be reduced by keeping all traces carrying
switched currents as short as possible.
5) In general, traces carrying signal currents
should run far from traces carrying pulsed cur-
rents or with quickly swinging voltages. From
this viewpoint, particular care should be taken
of the high impedance points (current sense in-
put, feedback input, ...). It could be a good idea
to route signal traces on one PCB side and
power traces on the other side.
6) Provide adequate filtering of some crucial
points of the circuit, such as voltage refer-
ences, IC’s supply pins, etc.
APPLICATION IDEAS
Here follows a series of ideas/suggestionsaimed at
either improving performance or solving common
application problems of L4990-basedsupplies.
D97IN504
L4990
PGND
ISEN
OUT
VC
SGND
VIN
ISOLATION
BOUNDARY
10
9
13
11
12
Figure 33. Isolated MOSFET Drive & Current Transformer Sensing in 2-switch Topologies.
L4990
VREF
T
STD1NB50-1
VCC
VIN
22V
D97IN505A
2.2M
Ω
33K
Ω
SELF-SUPPLY
WINDING
8
4
12
11
47K
Ω
Figure 34. Low consumption start-up
L4990 - L4990A
18/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com