Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4990D
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4990D Datasheet HTML 12Page - STMicroelectronics L4990D Datasheet HTML 13Page - STMicroelectronics L4990D Datasheet HTML 14Page - STMicroelectronics L4990D Datasheet HTML 15Page - STMicroelectronics L4990D Datasheet HTML 16Page - STMicroelectronics L4990D Datasheet HTML 17Page - STMicroelectronics L4990D Datasheet HTML 18Page - STMicroelectronics L4990D Datasheet HTML 19Page - STMicroelectronics L4990D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Table 3. Components List of the Fig. 30 AC-DC adaptor electric schematic.
Component
Reference
Value
Description
Resistors
R1
1.6k
Ω
2%, 1/8W
R2
9.1k
Ω
2%, 1/8W
R3, R14
10
Ω
5%, 1/8W
R4
360k
Ω
2%, 1/8W
R5
27k
Ω
2%, 1/8W
R6
200k
Ω
2%, 1/8W
R7
4.7
Ω
2%, 1/8W
R8, R9
4.7k
Ω
2%, 1/8W
R10
5.6k
Ω
2%, 1/8W
R11
1
Ω
2%, 1/2W, metallic film (low inductance)
R12, R13
24k
Ω
2%, 1/2W
R15
330
Ω
5%, 1/8W
R16
-
Not used
R17
390
Ω
5%,1W, 2 paralleled resistors (not used)
R19
100k
Ω
5%, 1W
R20, R21
470k
Ω
2%, 1/8W
R22
200
Ω
5%, 1/8W
R23
2k
Ω
2%, 1/8W
R24
1k
Ω
5%, 1/8W
Capacitors
C1
100
µF
400V, NCC-SMH or equiv.
C2
330
µF
25V, NCC-LXF or equiv., 3 paralleled capacitors
C3
47
µF
25V, electrolytic
C4
1
µF
10V, electrolytic
C5
1nF
J precision
C6, C15
10nF
C7, C14
330pF
C8
330pF
160V, polypropilene
C9
100nF
C10
220nF
C11
100pF
ceramic
C12
-
Not used
C13
4.7nF
630V
Transformer
T1
380
µH
Core: EFD25, Philips, 3F3 ferrite (or equivalent)
Primary: 46 T, litz wire 20 x 0.1, interleaved assembly
Secondary: 6 T, 4 paralleled litz wire 20 x 0.1
Auxiliary: 7 T (evenly spaced),
∅ 0.2 mm GAP ~ 0.7mm
Transistors
Q1
STP5NA80
ST, TO220 package
Q2
2N2222
ST (or equivalent)
Diodes
B1
DF04M
GI (or equivalent)
D1
STPS20100CT
ST, Shottky, TO220 package
D2, D3
1N4148
ST (or equivalent)
D4
BYT11-600
ST, F126 package
Fuse
Fuse
T2A250V
ELU (or equivalent)
NTC
NTC
-
Not used (see warning)
L4990 - L4990A
16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com