Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4990D
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4990D Datasheet HTML 11Page - STMicroelectronics L4990D Datasheet HTML 12Page - STMicroelectronics L4990D Datasheet HTML 13Page - STMicroelectronics L4990D Datasheet HTML 14Page - STMicroelectronics L4990D Datasheet HTML 15Page - STMicroelectronics L4990D Datasheet HTML 16Page - STMicroelectronics L4990D Datasheet HTML 17Page - STMicroelectronics L4990D Datasheet HTML 18Page - STMicroelectronics L4990D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ing conditions range, in terms of input voltage and
output current, that the converter is able to cover
but, on the other hand, the higher is the peak cur-
rent on the secondary side.
As to this point, the L4990 turns out to be particu-
larly useful since it allows to set any maximum
duty cycle greater (and lower) than 50% with very
good precision. In the present case, a maximum
duty cycle of 60% for steady state operation has
been selected and an extra 5% is allowed to take
transients into account.
Since it is not requested a very tight tolerance on
the output, the feedback employs a primary side
voltage sensing technique to reduce cost and
complexity of the circuit. The same technique has
been used to protect against output overvoltages.
The electric schematic is shown in fig. 30. The
PCB layout is shown in figg. 31 and 32. Table 1
and 2 summarize typical system performance,
while table 3 lists the relevant bill of material,
where details are given only for critical compo-
nents and/or where useful.
Warning: the NTC for inrush current limitation is
not assembled, thus use caution when connecting
the demo board to the mains directly. The use of
a variac or an isolation transformer is recom-
mended.
Table 1. System efficiency.
Iout =1A
Iout =2A
Vin (Vac)
Vout (V)
Effic. %
Vout (V)
Effic. %
85
14.93
83.7
14.53
84.3
110
14.95
82.5
14.55
84.9
220
14.95
81.4
14.57
85.2
270
14.96
76
14.59
81.6
Table 2. System performance.
Line regulation
Vin = 85 to 270 Vac
Iout = 0.5A
30mV
Load regulation
Iout = 0.5A to 2A
Vin = 85 Vac
Vin = 270 Vac
0.95V
0.90V
Maximum effic.
Vin = 190 Vac
Iout =2A
86.2%
Output ripple
Vin = 85 to 270 Vac
Iout =2A
< 200mV
Minimum load
Vin = 270 Vac
Vout < 20V
150mA
Transition Volt.
From C.C.M to D.C.M
Iout =2A
160V
85 to
270
Vac
B1
C1
R12
R19
C8
NTC
10
R7
13
R24
15
12
R11
8
14
6
R6
R15
R2
4
3
2
R9
C4
R10
7
R23
Q1
R16
C12
D3
D4
C2
R17
GND
D97IN499B
L4990
R13
R1
C10
C13
D2
R14
R5
C3
R3
C7
R4
59
DCC
R8
VREF
C5
C6
Q2
RCT
SS
R22
C15
DC-LIM
SGND
C14
R20
R21
C11
11
PGND
ISEN
OUT
VC
VCC
DIS
COMP
VFB
T1
15V/2A
D1
Figure 30. AC-DC adaptor electric schematic
L4990 - L4990A
15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com