Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973D5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4973D5
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4973D5 Datasheet HTML 8Page - STMicroelectronics L4973D5 Datasheet HTML 9Page - STMicroelectronics L4973D5 Datasheet HTML 10Page - STMicroelectronics L4973D5 Datasheet HTML 11Page - STMicroelectronics L4973D5 Datasheet HTML 12Page - STMicroelectronics L4973D5 Datasheet HTML 13Page - STMicroelectronics L4973D5 Datasheet HTML 14Page - STMicroelectronics L4973D5 Datasheet HTML 15Page - STMicroelectronics L4973D5 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Figure 28: Source Current Rise and Fall Time,
pin 2, 3 (See fig1)
25
30
35
40
Vi(V)
50
45
0
50
100
150
Lomax
(
µH)
200
250
300
D97IN653
Css=100nF
Css=220nF
Css=470nF
Css=680nF
Css=820nF
Css=1
µF
fsw = 100KHz
Figure 29: Soft Start Capacitor Selection vs.
Inductor and VCC max (ref. AN938)
15
20
25
30
Vi(V)
40
35
45
50
0
50
100
150
Lomax
(
µH)
D97IN654
Css=22nF
Css=33nF
fsw = 200KHz
Figure 30:Soft Start Capacitor Selection vs. In-
ductor and VCC max (ref. AN938)
10
103
105
107
f(Hz)
102
104
106
108
-200
-150
-100
-50
GAIN
(dB)
0
50
Phase
0
45
90
135
D97IN663
GAIN
Phase
Figure 31: Open Loop Frequency and Phase of
Error amplifier
L4973V3.3
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
3 x
C0
Vo
C8
4,5,6
13,14,15
7,8
10
18
9
1
17
INH
SYNC
11
2,3
12
16
R3
D97IN666A
R5
VP
R5
R3
1
3.6K
4.7K
1.5
2K
2K
2
4.7K
3.6K
2.5
7.5K
3.6K
3
5.1K
1K
VO=3.36-1.74•
R3
R
5
Figure 32: 3.5A at VO< 3.3V (see part list fig. 1)
L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com