Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973D5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4973D5
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D5 Datasheet(HTML) 2 Page - STMicroelectronics

  L4973D5 Datasheet HTML 1Page - STMicroelectronics L4973D5 Datasheet HTML 2Page - STMicroelectronics L4973D5 Datasheet HTML 3Page - STMicroelectronics L4973D5 Datasheet HTML 4Page - STMicroelectronics L4973D5 Datasheet HTML 5Page - STMicroelectronics L4973D5 Datasheet HTML 6Page - STMicroelectronics L4973D5 Datasheet HTML 7Page - STMicroelectronics L4973D5 Datasheet HTML 8Page - STMicroelectronics L4973D5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
uses an internal power D-MOS transistor (with a
typical Rdson of 0.15ohm) to obtain very high effi-
ciency and very fast switching times.
Switching frequency up to 300KHz are achievable
(the maximum power dissipation of the packages
must be observed).
A wide input voltage range between 8V to 55V
and output voltages regulated from 3.3V to 40V
cover the majority of the today applications.
Features of this new generation of DC-DC con-
verter includes pulse by pulse current limit, hiccup
mode for output short circuit protection, voltage
feed forward regulation, soft start, input/output
synchronization, protection against feedback loop
disconnection, inhibit for zero current consump-
tion and thermal shutdown.
Packages available are in plastic dual in line, DIP-
18 (12+3+3) for standard assembly, and SO20
(12+4+4) for SMD assembly.
PIN CONNECTIONS (Top view)
OSC
OUT
OUT
GND
GND
VCC
GND
V
CC
BOOT
1
3
2
4
5
6
7
8
9
INH
VFB
COMP
GND
GND
GND
V5.1
SS
SYNC
18
17
16
15
14
12
13
11
10
D94IN162A
POWERDIP (12+3+3)
OSC
OUT
OUT
GND
GND
GND
GND
VCC
VCC
VFB
COMP
GND
GND
GND
GND
V5.1
SS
SYNC
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
BOOT
INH
D94IN163A
SO20 (12+4+4)
VREF
GOOD
5.1V
COMP
VFB
SYNC
BOOT
DRIVER
HICCUP CURRENT
LIMITING
INTERNAL
REFERENCE
SS
INH
ZERO CURRENT
INHIBIT
D94IN161B
+
-
3.3V
V5.1
E/A
SOFT
START
5.1V
3.3V
THERMAL
SHUTDOWN
INTERNAL
SUPPLY
5.1V
-
+
PWM
CURRENT
LIMITING
R
S
Q
Q
CBOOT
CHARGE
OSCILLATOR
OUT
OUT
GND
OSC
V
CC
V
CC
17(19)
11(12)
12(13)
18(20)
1(1)
2(2)
3(3)
9(10)
8(9)
7(8)
16(18)
10(11)
4,5,6,13,14,15
(4,5,6,7,14,15,16,17)
Pin x = Powerdip
Pin (x) = S020
BLOCK DIAGRAM
L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com