Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973D5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4973D5
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4973D5 Datasheet HTML 8Page - STMicroelectronics L4973D5 Datasheet HTML 9Page - STMicroelectronics L4973D5 Datasheet HTML 10Page - STMicroelectronics L4973D5 Datasheet HTML 11Page - STMicroelectronics L4973D5 Datasheet HTML 12Page - STMicroelectronics L4973D5 Datasheet HTML 13Page - STMicroelectronics L4973D5 Datasheet HTML 14Page - STMicroelectronics L4973D5 Datasheet HTML 15Page - STMicroelectronics L4973D5 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
L1
KoolMm 77120- 24 Turns- 0.9mm
D1
STPS1025
L4973V3.3
VCC
12V
±5%
C1
560uF-25V
HFQ
Panasonic
C2
220nF
R2
22k
C7
1.2nF
C3
33nF
C4
1uF
C5
220pF
C6
22nF
R1
9k1
D1
L1
C9
470uF-25V
HFQ
Panasonic
Vo=3.33V
Io=3.5A
C8
220nF
4,5,6
13,14,15
7,8
10
18
9
1
17
16
INH
SYNC
11
2,3
12
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Io(A)
80
82
84
86
88
90
92
η
(%)
D97IN668A
Figure 33: 12V to 3.3V High Performance Buck Converter (fsw = 200kHz)
L4973
L4973
18
18
VCC2
D97IN669
1
7,8
VCC1
1
7,8
4,5,6
13,14,15
4,5,6
13,14,15
L4973
L4973
18
18
VCC
1
7,8
1
7,8
4,5,6
13,14,15
4,5,6
13,14,15
Figure 34: Synchronization Example
L4973
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
C9
C10
Vo1
C8
4,5,6
13,14,15
7,8
10
18
9
1
17
16
INH
SYNC
11
2,3
12
C11
Vo2
n1
n2
D2
D97IN667A
VO2 =VO1
n1 +n2
n1
PO2 < 20% PO1
Figure 35: Multioutput not Isolated (Pin out referred to DIP12+3+3)
L4973V3 - L4973V5 - L4973D3 - L4973D5
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com