Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973D5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4973D5
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D5 Datasheet(HTML) 3 Page - STMicroelectronics

  L4973D5 Datasheet HTML 1Page - STMicroelectronics L4973D5 Datasheet HTML 2Page - STMicroelectronics L4973D5 Datasheet HTML 3Page - STMicroelectronics L4973D5 Datasheet HTML 4Page - STMicroelectronics L4973D5 Datasheet HTML 5Page - STMicroelectronics L4973D5 Datasheet HTML 6Page - STMicroelectronics L4973D5 Datasheet HTML 7Page - STMicroelectronics L4973D5 Datasheet HTML 8Page - STMicroelectronics L4973D5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PIN FUNCTIONS
Powerdip
SO20
NAME
DESCRIPTION
11
12
COMP
E/A output to be used for frequency compensation
10
11
INH
A logic signal (active high) disables the device (sleep mode operation).
If not used it must be connected to GND; if floating the device is disabled.
9
10
BOOT
A capacitor connected between this pin and the output allows to drive the
internal D-MOS.
18
20
SYNC
Input/Output synchronization.
7,8
8,9
Vcc
Unregulated DC input voltage
2,3
2,3
OUT
Stepdown regulator output.
12
13
VFB
Stepdown feedback input. Connecting the output directly to this pin results
in an output voltage of 3.3V for the L4973V3.3 and 5.1V. An external
resistive divider is required for higher output voltages. For output voltage
less than 3.3V, see note ** and Figure 32.
16
18
V5.1
Reference voltage externally available.
4,5,6
13,14,15
4,5,6,7
14,15,16,17
GND
Signal ground
1
1
OSC
An external resistor connected between the unregulated input voltage and
Pin 1 and a capacitor connected from Pin 1 to ground fixes the switching
frequency. (Line feed forward is automatically obtained)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
DIP-18
S0-20
V7,V8
V9,V8
Input voltage
58
V
V2,V3
V2,V3
Output DC voltage
Output peak voltage at t = 0.1
µs f=200KHz
-1
-5
V
V
I2,I3
I2,I3
Maximum output current
int. limit.
V9-V8
V10-V8
14
V
V9
V10
Bootstrap voltage
70
V
V11
V12
Analogs input voltage (VCC = 24V)
12
V
V17
V19
Analogs input voltage (VCC = 24V)
13
V
V12
V13
(VCC = 20V)
6
-0.3
V
V
V18
V20
(VCC = 20V)
5.5
-0.3
V
V
V10
V11
Inhibit
Vcc
-0.3
V
V
Ptot
Power dissipation a Tpins
≤ 90°C
(Tamb =70
°C no copper area)
(Tamb =70
°C 4cm copper area on PCB)
DIP
12+3+3
5
1.3
2
W
W
W
Power dissipation a Tpins =90
°C
SO20
4
W
TJ,TSTG
Junction and storage temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Powerdip
SO20
Unit
Rth(j-pin)
Thermal Resistance Junction to pin
Max.
12
15
°C/W
Rth(j-amb)
Thermal Resistance to Ambient
Max.
60 (*)
80 (*)
°C/W
(*) Package mounted on board.
L4973V3 - L4973V5 - L4973D3 - L4973D5
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com