Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973D5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4973D5
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4973D5 Datasheet HTML 2Page - STMicroelectronics L4973D5 Datasheet HTML 3Page - STMicroelectronics L4973D5 Datasheet HTML 4Page - STMicroelectronics L4973D5 Datasheet HTML 5Page - STMicroelectronics L4973D5 Datasheet HTML 6Page - STMicroelectronics L4973D5 Datasheet HTML 7Page - STMicroelectronics L4973D5 Datasheet HTML 8Page - STMicroelectronics L4973D5 Datasheet HTML 9Page - STMicroelectronics L4973D5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Output Voltage
Output
Ripple
Efficiency
Line Regulator
Io = 3.5A VCC = 8 to 50V
Load Regulator
VCC =35V IO = 1 to 3.5A
3.3V
20mV
81.5 (%)
3mV
6mV
5.1V
20mV
86.7 (%)
3mV
6mV
12V
30mV
93.5 (%)
3mV (VCC =15 to 50V)
4mV
Typical Performance (Using Evaluation Board) fsw = 100kHz
Figure 1a: Evaluation Board (Components Side)
Figure 1b: Evaluation Board (Solder Side)
L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com