Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973D5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4973D5
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D5 Datasheet(HTML) 1 Page - STMicroelectronics

  L4973D5 Datasheet HTML 1Page - STMicroelectronics L4973D5 Datasheet HTML 2Page - STMicroelectronics L4973D5 Datasheet HTML 3Page - STMicroelectronics L4973D5 Datasheet HTML 4Page - STMicroelectronics L4973D5 Datasheet HTML 5Page - STMicroelectronics L4973D5 Datasheet HTML 6Page - STMicroelectronics L4973D5 Datasheet HTML 7Page - STMicroelectronics L4973D5 Datasheet HTML 8Page - STMicroelectronics L4973D5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
L4973V3.3 - L4973V5.1
L4973D3.3 - L4973D5.1
3.5A STEP DOWN SWITCHING REGULATOR
UPTO 3.5ASTEP DOWN CONVERTER
OPERATING INPUT VOLTAGE FROM 8V TO
55V
3.3V AND 5.1V (
±1%) FIXED OUTPUT, AND
ADJUSTABLE OUTPUTS FROM:
0V TO 50V (3.3V type)
5.1V TO 50V (5.1 type)
FREQUENCY ADJUSTABLE UP TO 300KHz
VOLTAGE FEED FORWARD
ZERO LOAD CURRENT OPERATION (min
1mA)
INTERNAL CURRENT LIMITING (PULSE BY
PULSE AND HICCUP MODE)
PRECISE 5.1V (1.5%) REFERENCE VOLT-
AGE EXTERNALLY AVAILABLE
INPUT/OUTPUT SYNCHRONIZATION FUNC-
TION
INHIBIT FOR ZERO CURRENT CONSUMP-
TION (100
µA Typ. at VCC = 24V)
PROTECTION AGAINST FEEDBACK DIS-
CONNECTION
THERMAL SHUTDOWN
OUTPUT OVERVOLTAGE PROTECTION
SOFT START FUNCTION
DESCRIPTION
The L4973 is a step down monolithic power
switching regulator delivering 3.5A at fixed volt-
ages of 3.3V or 5.1V and using a simple external
divider output adjustable voltage up to 50V.
Realized in BCD mixed technology, the device
April 2000
®
L4973
V
CC (8V to 55V)
C
IN
C2
ROSC
COSC
D1
L1
COUT
VO(3.3V or 5.1V)
CBOOT
4,5,6,
13,14,15
7
9
8
1
11
3
10
D97IN554A
17
RCOMP
CCOMP
CSS
2
16
12
TYPICAL APPLICATION CIRCUIT (POWERDIP)
POWERDIP (12+3+3)
SO20(12+4+4)
ORDERING NUMBERS:
L4973V3.3 (Powerdip)
L4973D3.3
(SO20)
L4973V5.1 (Powerdip)
L4973D5.1
(SO20)
MULTIPOWER BCD TECHNOLOGY
1/16


Similar Part No. - L4973D5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973D5.1 STMICROELECTRONICS-L4973D5.1 Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
L4973D5.1-013TR STMICROELECTRONICS-L4973D5.1-013TR Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
More results

Similar Description - L4973D5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com