Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5996 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5996
Description  5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5996 Datasheet(HTML) 2 Page - STMicroelectronics

  L5996 Datasheet HTML 1Page - STMicroelectronics L5996 Datasheet HTML 2Page - STMicroelectronics L5996 Datasheet HTML 3Page - STMicroelectronics L5996 Datasheet HTML 4Page - STMicroelectronics L5996 Datasheet HTML 5Page - STMicroelectronics L5996 Datasheet HTML 6Page - STMicroelectronics L5996 Datasheet HTML 7Page - STMicroelectronics L5996 Datasheet HTML 8Page - STMicroelectronics L5996 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ence, digitally trimmed, assures the selected out-
put voltage to within +/-1% over temperature and
battery voltage variations.
Thanks to the remote sensing inputs and to the
window comparator system, embedded in the er-
ror summing structure, the device provides excel-
lent load transient performance. The high peak
current gate drive affords to have fast switching
to the external power mos, performing an high ef-
ficiency. A complete power management include
on board a programmable power-up sequencing,
power good signal, skip mode operation and un-
dervoltege detection. The L5996 assures a fast
protection against load overvoltage and load
overcurrent. Linear regulator on-board is avail-
able with an output voltage of 2.5V (+/-2%) and a
current capability of
150mA, useful for CPU
CLOCK BUS.
1
2
3
5
6
4
7
8
11 12 13 14 15 16
32
30
31
29 28 27 26 25
19
18
17
24
23
22
20
21
SSTART
DISPROT
V5SW
VIN
ENABLE
REG5
LRSNS
HRSNS
ICURLIM
OSC
FREQ
VID4
VID3
VID2
VID0
VID1
D98IN998
910
PIN CONNECTION
LRSNS
HRSNS
COMP
27
26
HSTRAP
HGATE
HSRC
Cboot
Rsense
VIN
29
30
RGATE
PWRGND
C
Load
Hside
Lside
CONTROL
LOGIC
OVER CURRENT
COMPARATOR
ZERO CROSSING
COMPARATOR
PULSE SKIPPING
COMPARATOR
+
-
+
-
+
-
SOFT
START
HRSNS
LRSNS
6
CSOFT
SSTART
VO2.5
VIN2.5
14
13
VBG
15
4
2
VPROG
5
1
DISPROT
ENABLE
OSC
31
18
17
FREQ
OSCILLATOR
and
SYNC
OVER/UNDER VOLTAGE
COMPARATOR
5V
PWGOOD
32
NOSKIP
25
LINEAR
REGULATOR
POWER
MANAGEMENT
D98IN999
L
RSTRAP
16
SNSGND
12
VFB
VSS
PROGRAMMABLE
BANDGAP &
REFERENCE
VID0
VID1
VID2
VID3
20
21
22
23
INTERNAL SUPPLY
REG5
V5SW
11
3
2.5V
LIN.
REG.
19
ICURLIM
VPROG
C5
VIN
Vdc
5.5V to 25V
REG5
SLOPE
+
-
+
-
+
-
ERROR
SUMMING
7
8
VPROG
10
28
9
WINDOW
COMP
VIN3.3V
VCPUCLK
24
VID4
BLOCK DIAGRAM
DESCRIPTION (Continued)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN to PWRGND
-0.5 to 27
V
PWRGND to VSS
±0.5
V
VREFS to PWRGND
5
V
HSTRAP, HGATE to PWRGND
-0.5V to VIN+14V
RSTRAP, RGATE to PWRGND
-0.5V to 14V
EABLE, FREQ, OSC, COMP, VFB, HRSNS, LRSNS
5
V
VID0-3, NOSKIP
7
V
Tj
Junction Temperature Range
-40 to 150
°C
Tstg
Storage Temperature Range
-55 to 150
°C
L5996
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com